Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU810 Datasheet(PDF) 3 Page - Formosa MS

Part # KBU810
Description  Bridge Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

KBU810 Datasheet(HTML) 3 Page - Formosa MS

  KBU810 Datasheet HTML 1Page - Formosa MS KBU810 Datasheet HTML 2Page - Formosa MS KBU810 Datasheet HTML 3Page - Formosa MS KBU810 Datasheet HTML 4Page - Formosa MS KBU810 Datasheet HTML 5Page - Formosa MS KBU810 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3
Rating and characteristic curves (KBU8005 THRU KBU810)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
FIG.3-MAXIMUM NON-RETETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
10
0.1
0
20
40
60
80
100 120 140
1.0
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE,VOLTAGE
TJ=25
TJ=100
FIG.5-TYPICAL JUNCTION CAPACITANCE PER ELEMENT
REVERSE VOLTAGE ,VOLTS
400
100
50
10
50 100
1
5
10
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE,℃
50
100
0
150
1.0
5.0
4.0
3.0
2.0
6.0
8.0
7.0
HEAT SINK
MOUNTING
MOUNTED ON4*4 INCH
COPPER PC BOARD.TA
.51(1.27mm)LEAD LENGTH
FIG.2 TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0.01
250
200
0
100
10
1
150
100
50
100
01
.
12
.
11
.
10
.
09
.
08
.
07
.
06
.
40
20
10
40
.
10
.
04
.
02
.
13
.
DS-242145
2009/08/10
2010/03/10
B
6
TJ=25
PULSE WIDTH=300us
1%DUTY CYCLE


Similar Part No. - KBU810

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU810 WTE-KBU810 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBU810 YFWDIODE-KBU810 Datasheet
189Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU810 JUXING-KBU810 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
KBU810 JGD-KBU810 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBU810 DGNJDZ-KBU810 Datasheet
478Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - KBU810

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com