Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4113-BM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SI4113-BM
Description  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI4113-BM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI4113-BM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4113-BM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4113-BM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4113-BM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4113-BM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4113-BM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4113-BM Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4113-BM Datasheet HTML 12Page - List of Unclassifed Manufacturers SI4113-BM Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Si4133
Rev. 1.1
9
RF1 Harmonic Suppression
Second Harmonic
–26
–20
dBc
RF2 Harmonic Suppression
–26
–20
dBc
IF Harmonic Suppression
–26
–20
dBc
RFOUT Power Level
ZL = 50 Ω
–8
–3
1
dBm
RFOUT Power Level2
Z
L = 50 Ω, RF1 active,
Extended frequency
operation
–14
–7
1
dBm
IFOUT Power Level
ZL = 50 Ω
–8
–4
0
dBm
RF1 Output Reference Spurs
Offset = 200 kHz
–65
dBc
Offset = 400 kHz
–71
dBc
Offset = 600 kHz
–75
dBc
RF2 Output Reference Spurs
Offset = 200 kHz
–65
dBc
Offset = 400 kHz
–71
dBc
Offset = 600 kHz
–75
dBc
Power Up Request to Synthesizer
Ready3 Time
t
pup
Figures 4, 5
40/fφ
50/fφ
Power Down Request to Synthesizer
Off4 Time
tpdn
Figures 4, 5
100
ns
Table 5. RF and IF Synthesizer Characteristics (Continued)
(VDD = 2.7 to 3.6 V, TA = –40 to 85°C)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. fφ = 200 kHz, RF1 = 1.6 GHz, RF2 = 1.2 GHz, IFOUT = 550 MHz, LPWR = 0, for all parameters unless otherwise noted.
2. Extended frequency operation only. VDD ≥ 3.0 V, MLP only, VCO Tuning Range fixed by directly shorting the RFLA and
RFLB pins. See Application Note 41 for more details on the Si4133 extended frequency operation.
3. From power up request (PWDNB
↑ or SENB↑ during a write of 1 to bits PDIB and PDRB in Register 2) to RF and IF
synthesizers ready (settled to within 0.1 ppm frequency error).
4. From power down request (PWDNB
↓, or SENB↑ during a write of 0 to bits PDIB and PDRB in Register 2) to supply
current equal to IPWDN.


Similar Part No. - SI4113-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4113-D-GM SILABS-SI4113-D-GM Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4113-D-GT SILABS-SI4113-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4113-D-ZT1 SILABS-SI4113-D-ZT1 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results

Similar Description - SI4113-BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com