Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA105 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA105
Description  Precision Unity Gain DIFFERENTIAL AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA105 Datasheet(HTML) 2 Page - Texas Instruments

  INA105 Datasheet HTML 1Page - Texas Instruments INA105 Datasheet HTML 2Page - Texas Instruments INA105 Datasheet HTML 3Page - Texas Instruments INA105 Datasheet HTML 4Page - Texas Instruments INA105 Datasheet HTML 5Page - Texas Instruments INA105 Datasheet HTML 6Page - Texas Instruments INA105 Datasheet HTML 7Page - Texas Instruments INA105 Datasheet HTML 8Page - Texas Instruments INA105 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
INA105
2
INA105AM
INA105BM
INA105KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SPECIFICATIONS
ELECTRICAL
At +25
°C, V
CC = ±15V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
GAIN
Initial(1)
1
TT
V/V
Error
0.005
0.01
TT
0.01
0.025
%
vs Temperature
1
5
TT
T
T
ppm/
°C
Nonlinearity(2)
0.0002
0.001
TT
T
T
%
OUTPUT
Rated Voltage
IO = +20mA, –5mA
10
12
TT
TT
V
Rated Current
VO = 10V
+20, –5
TT
mA
Impedance
0.01
TT
Current Limit
To Common
+40/–10
TT
mA
Capacitive Load
Stable Operation
1000
TT
pF
INPUT
Impedance(3)
Differential
50
TT
k
Common-Mode
50
TT
k
Voltage Range(4)
Differential
±10
TT
V
Common-Mode
±20
TT
V
Common-Mode Rejection(5)
TA = TMIN to TMAX
80
90
86
100
72
T
dB
OFFSET VOLTAGE
RTO(6), (7)
Initial
50
250
TT
T
500
µV
vs Temperature
5
20
5
10
TT
µV/°C
vs Supply
±V
S = 6V to 18V
1
25
T
15
TT
µV/V
vs Time
20
TT
µV/mo
OUTPUT NOISE VOLTAGE
RTO(6), (8)
fB = 0.01Hz to 10Hz
2.4
TT
µVp-p
fO = 10kHz
60
TT
nV/
√Hz
DYNAMIC RESPONSE
Small Signal Bandwidth
–3dB
1
TT
MHz
Full Power Bandwidth
VO = 20Vp-p
30
50
TT
TT
kHz
Slew Rate
2
3
TT
TT
V/
µs
Settling Time: 0.1%
VO = 10V Step
4
TT
µs
0.01%
VO = 10V Step
5
TT
µs
0.01%
VCM = 10V Step, VDIFF = 0V
1.5
TT
µs
POWER SUPPLY
Rated
±15
TT
V
Voltage Range
Derated Performance
±5
±18
TT
T
T
V
Quiescent Current
VO = 0V
±1.5
±2
TT
T
T
mA
TEMPERATURE RANGE
Specification
–40
+85
TT
T
T
°C
Operation
–55
+125
TT
–40
+85
°C
Storage
–65
+150
TT
–40
+125
°C
T Specification same as for INA105AM.
NOTES: (1) Connected as difference amplifier (see Figure 4). (2) Nonlinearity is the maximum peak deviation from the best-fit straight line as a percent of full-scale peak-
to-peak output. (3) 25k
Ω resistors are ratio matched but have ±20% absolute value. (4) Maximum input voltage without protection is 10V more than either ±15V supply
(
±25V). Limit I
IN to 1mA. (5) With zero source impedance (see “Maintaining CMR” section). (6) Referred to output in unity-gain difference configuration. Note that this
circuit has a gain of 2 for the operational amplifier’s offset voltage and noise voltage. (7) Includes effects of amplifier’s input bias and offset currents. (8) Includes effects
of amplifier’s input current noise and thermal noise contribution of resistor network.


Similar Part No. - INA105

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA105 BURR-BROWN-INA105 Datasheet
182Kb / 12P
   Precision Unity Gain DIFFERENTIAL AMPLIFIER
INA105AM BURR-BROWN-INA105AM Datasheet
182Kb / 12P
   Precision Unity Gain DIFFERENTIAL AMPLIFIER
INA105BM BURR-BROWN-INA105BM Datasheet
182Kb / 12P
   Precision Unity Gain DIFFERENTIAL AMPLIFIER
INA105KP BURR-BROWN-INA105KP Datasheet
182Kb / 12P
   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
List of Unclassifed Man...
INA105KP ETC2-INA105KP Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - INA105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP03 AD-AMP03 Datasheet
281Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. E
AMP03 AD-AMP03_03 Datasheet
258Kb / 8P
   Precision, Unity-Gain Differential Amplifier
logo
Burr-Brown (TI)
INA105 BURR-BROWN-INA105 Datasheet
182Kb / 12P
   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AMP03GSZ AD-AMP03GSZ Datasheet
267Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. F
logo
Texas Instruments
INA106 TI1-INA106 Datasheet
1Mb / 14P
[Old version datasheet]   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Burr-Brown (TI)
INA106 BURR-BROWN-INA106 Datasheet
175Kb / 6P
   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
INA106U TI1-INA106U Datasheet
1Mb / 13P
[Old version datasheet]   Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
AD8475 AD-AD8475 Datasheet
554Kb / 24P
   Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com