Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA114APG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA114APG4
Description  Precision INSTRUMENTATION AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA114APG4 Datasheet(HTML) 4 Page - Texas Instruments

  INA114APG4 Datasheet HTML 1Page - Texas Instruments INA114APG4 Datasheet HTML 2Page - Texas Instruments INA114APG4 Datasheet HTML 3Page - Texas Instruments INA114APG4 Datasheet HTML 4Page - Texas Instruments INA114APG4 Datasheet HTML 5Page - Texas Instruments INA114APG4 Datasheet HTML 6Page - Texas Instruments INA114APG4 Datasheet HTML 7Page - Texas Instruments INA114APG4 Datasheet HTML 8Page - Texas Instruments INA114APG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
®
INA114
4
INPUT-REFERRED NOISE VOLTAGE
vs FREQUENCY
Frequency (Hz)
110
1k
100
1k
100
10
1
10k
G = 1
G = 10
G = 100, 1000
G = 1000
BW Limit
NEGATIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
10
100
10k
1M
1k
140
120
100
80
60
40
20
0
100k
G = 1
G = 10
G = 100
G = 1000
POSITIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
10
100
10k
1M
1k
140
120
100
80
60
40
20
0
100k
G = 1
G = 10
G = 100
G = 1000
INPUT COMMON-MODE VOLTAGE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
Limited
by A1
+ Output
Swing
A
3 – Output
Swing Limit
A
3 + Output
Swing Limit
Limited
by A
2
– Output
Swing
Limited
by
A 1
– Output
Swing
Limited
by A
2
+ Output
Swing
VD/2
+
+
V
CM
V
O
(Any Gain)
VD/2
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
10
100
10k
100k
1M
1k
140
120
100
80
60
40
20
0
G = 1k
G = 100
G = 10
G = 1
G = 100, 1k
G = 10
GAIN vs FREQUENCY
Frequency (Hz)
10
100
10k
100k
1M
1k
1k
100
10
1
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, unless otherwise noted.


Similar Part No. - INA114APG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA114AP BURR-BROWN-INA114AP Datasheet
191Kb / 14P
   Precision INSTRUMENTATION AMPLIFIER
INA114AP BURR-BROWN-INA114AP Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA114APG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com