Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA118 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA118
Description  INA118 Precision, Low Power Instrumentation Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA118 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA118 Datasheet HTML 2Page - Texas Instruments INA118 Datasheet HTML 3Page - Texas Instruments INA118 Datasheet HTML 4Page - Texas Instruments INA118 Datasheet HTML 5Page - Texas Instruments INA118 Datasheet HTML 6Page - Texas Instruments INA118 Datasheet HTML 7Page - Texas Instruments INA118 Datasheet HTML 8Page - Texas Instruments INA118 Datasheet HTML 9Page - Texas Instruments INA118 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
INA118
SBOS027A – SEPTEMBER 2000 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Positive
(V+) – 1
(V+) – 0.8
RL = 10 kΩ
V
Negative
(V) + 0.35
(V) + 0.2
Voltage:
Single supply high
1.8
2
VS = 2.7 V/0 V
(2), R
L = 10 kΩ
Single supply low
60
35
mV
Load capacitance stability
1000
pF
Short circuit current
+5/–12
mA
FREQUENCY RESPONSE
G = 1
800
G = 10
500
Bandwidth, –3 dB
kHz
G = 100
70
G = 1000
7
Slew rate
VO = ±10 V, G = 10
0.9
V/µs
G = 1
15
G = 10
15
Settling time, 0.01%
µs
G = 100
21
G = 1000
210
Overload recovery
50% Overdrive
20
µs
POWER SUPPLY
Voltage range
±1.35
±15
±18
V
Current
VIN = 0 V
±350
±385
µA
TEMPERATURE RANGE
Specification
–40
85
°C
Operating
–40
125
°C
(2)
Common-mode input voltage range is limited. See text for discussion of low power supply and single power supply operation.
6
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: INA118


Similar Part No. - INA118

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118 TI1-INA118 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA118P BURR-BROWN-INA118P Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118P TI1-INA118P Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA118PB BURR-BROWN-INA118PB Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA118

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com