Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA116UA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA116UA
Description  Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA116UA Datasheet(HTML) 3 Page - Texas Instruments

  INA116UA Datasheet HTML 1Page - Texas Instruments INA116UA Datasheet HTML 2Page - Texas Instruments INA116UA Datasheet HTML 3Page - Texas Instruments INA116UA Datasheet HTML 4Page - Texas Instruments INA116UA Datasheet HTML 5Page - Texas Instruments INA116UA Datasheet HTML 6Page - Texas Instruments INA116UA Datasheet HTML 7Page - Texas Instruments INA116UA Datasheet HTML 8Page - Texas Instruments INA116UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
®
3
INA116
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
Top View
DIP
SOL-16
Supply Voltage ..................................................................................
±18V
Input Voltage Range ..........................................................................
±40V
Output Short-Circuit (to ground) .............................................. Continuous
Operating Temperature ................................................. –40
°C to +125°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
ABSOLUTE MAXIMUM RATINGS
R
G
Guard –
V
IN
Guard –
NC: No Internal Connection.
R
G
NC
NC
V+
1
2
3
4
Guard +
V
IN
Guard +
V–
5
6
7
8
16
15
14
13
NC
V
O
NC
Ref
12
11
10
9
+
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
INA116PA
16-Pin Plastic DIP
180
INA116P
16-Pin Plastic DIP
180
INA116UA
SOL-16 Surface-Mount
211
INA116U
SOL-16 Surface-Mount
211
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PIN CONFIGURATION


Similar Part No. - INA116UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA116UA BURR-BROWN-INA116UA Datasheet
246Kb / 9P
   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA116UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
logo
Texas Instruments
LMC6001 TI1-LMC6001_16 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
OPA129UE4 TI-OPA129UE4 Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
LTC6373 AD-LTC6373 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
logo
Linear Technology
LTC6268-10 LINER-LTC6268-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com