Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA116UA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA116UA
Description  Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA116UA Datasheet(HTML) 4 Page - Texas Instruments

  INA116UA Datasheet HTML 1Page - Texas Instruments INA116UA Datasheet HTML 2Page - Texas Instruments INA116UA Datasheet HTML 3Page - Texas Instruments INA116UA Datasheet HTML 4Page - Texas Instruments INA116UA Datasheet HTML 5Page - Texas Instruments INA116UA Datasheet HTML 6Page - Texas Instruments INA116UA Datasheet HTML 7Page - Texas Instruments INA116UA Datasheet HTML 8Page - Texas Instruments INA116UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
®
INA116
4
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, RL = 10kΩ, unless otherwise noted.
GAIN vs FREQUENCY
60
50
40
30
20
10
0
–10
–20
Frequency (Hz)
1k
10k
100k
1M
10M
G = 100
G = 10
G = 1
G = 1000
COMMON-MODE REJECTION vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
0
Frequency (Hz)
10
100
1k
10k
100k
G = 1000V/V
G = 100V/V
G = 10V/V
G = 1V/V
POSITIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
G = 1000V/V
G = 100V/V
G = 1V/V
G = 10V/V
NEGATIVE POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
G = 1
G = 1k
G = 10 < 100
INPUT BIAS CURRENT vs INPUT VOLTAGE
Input Voltage (V)
15
10
5
0
–5
–10
–15
–15
–10
–5
0
5
10
15
INPUT BIAS CURRENT vs TEMPERATURE
1000
100
10
1
–75
–50
–25
0
25
50
75
100
125
I
B
Measurement Limit
I
OS


Similar Part No. - INA116UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA116UA BURR-BROWN-INA116UA Datasheet
246Kb / 9P
   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA116UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
logo
Texas Instruments
LMC6001 TI1-LMC6001_16 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
OPA129UE4 TI-OPA129UE4 Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
LTC6373 AD-LTC6373 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
logo
Linear Technology
LTC6268-10 LINER-LTC6268-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com