Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA114AUG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA114AUG4
Description  Precision INSTRUMENTATION AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA114AUG4 Datasheet(HTML) 5 Page - Texas Instruments

  INA114AUG4 Datasheet HTML 1Page - Texas Instruments INA114AUG4 Datasheet HTML 2Page - Texas Instruments INA114AUG4 Datasheet HTML 3Page - Texas Instruments INA114AUG4 Datasheet HTML 4Page - Texas Instruments INA114AUG4 Datasheet HTML 5Page - Texas Instruments INA114AUG4 Datasheet HTML 6Page - Texas Instruments INA114AUG4 Datasheet HTML 7Page - Texas Instruments INA114AUG4 Datasheet HTML 8Page - Texas Instruments INA114AUG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
®
INA114
5
MAXIMUM OUTPUT SWING vs FREQUENCY
10
32
28
24
20
16
12
8
4
0
100
10k
1M
Frequency (Hz)
100k
1k
G = 100
G = 1, 10
G = 1000
INPUT BIAS CURRENT
vs COMMON-MODE INPUT VOLTAGE
–45
3
2
1
0
–1
–2
–3
–30
–15
0
15
30
45
|I
b1| + |Ib2|
Common-Mode Voltage (V)
Normal
Operation
Over-Voltage
Protection
Over-Voltage
Protection
One Input
Both Inputs
Both Inputs
One Input
INPUT BIAS CURRENT
vs DIFFERENTIAL INPUT VOLTAGE
Differential Overload Voltage (V)
–45
3
2
1
0
–1
–2
–3
–30
–15
0
15
30
45
G = 1
G = 10
G = 1000
G = 100
INPUT BIAS AND INPUT OFFSET CURRENT
vs TEMPERATURE
Temperature (°C)
–40
2
1
0
–1
–2
–15
10
35
60
85
±I
B
I
OS
OFFSET VOLTAGE WARM-UP vs TIME
Time from Power Supply Turn-on (s)
0
6
4
2
0
–2
–4
–6
15
30
45
60
75
90
105
120
G
≥ 100
SETTLING TIME vs GAIN
Gain (V/V)
1
100
1000
10
1200
1000
800
600
400
200
0
0.01%
0.1%
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.


Similar Part No. - INA114AUG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA114AU BURR-BROWN-INA114AU Datasheet
191Kb / 14P
   Precision INSTRUMENTATION AMPLIFIER
INA114AU BURR-BROWN-INA114AU Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
INA114AU/1K BURR-BROWN-INA114AU/1K Datasheet
191Kb / 14P
   Precision INSTRUMENTATION AMPLIFIER
INA114AU/1KE4 BURR-BROWN-INA114AU/1KE4 Datasheet
191Kb / 14P
   Precision INSTRUMENTATION AMPLIFIER
INA114AUE4 BURR-BROWN-INA114AUE4 Datasheet
191Kb / 14P
   Precision INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA114AUG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com