Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA134 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA134
Description  AUDIO DIFFERENTIAL LINE RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA134 Datasheet(HTML) 2 Page - Texas Instruments

  INA134 Datasheet HTML 1Page - Texas Instruments INA134 Datasheet HTML 2Page - Texas Instruments INA134 Datasheet HTML 3Page - Texas Instruments INA134 Datasheet HTML 4Page - Texas Instruments INA134 Datasheet HTML 5Page - Texas Instruments INA134 Datasheet HTML 6Page - Texas Instruments INA134 Datasheet HTML 7Page - Texas Instruments INA134 Datasheet HTML 8Page - Texas Instruments INA134 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
®
INA134/2134
SPECIFICATIONS: VS = ±18V
At TA = +25°C, VS = ±18V, RL = 2kΩ, and Ref Pin connected to Ground, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
INA134PA, UA
INA2134PA, UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AUDIO PERFORMANCE
Total Harmonic Distortion + Noise, f = 1kHz
VIN = 10Vrms
0.0005
%
Noise Floor(1)
20kHz BW
–100
dBu
Headroom(1)
THD+N < 1%
+23
dBu
FREQUENCY RESPONSE
Small-Signal Bandwidth
3.1
MHz
Slew Rate
14
V/
µs
Settling Time: 0.1%
10V Step, CL = 100pF
2
µs
0.01%
10V Step, CL = 100pF
3
µs
Overload Recovery Time
50% Overdrive
3
µs
Channel Separation (dual), f = 1kHz
117
dB
OUTPUT NOISE VOLTAGE(2)
f = 20Hz to 20kHz
7
µVrms
f = 1kHz
52
nV/
√HZ
OFFSET VOLTAGE(3)
Input Offset Voltage
VCM = 0V
±100
±1000
µV
vs Temperature
Specified Temperature Range
±2
µV/°C
vs Power Supply
VS = ±4V to ±18V
±5
±60
µV/V
INPUT
Common-Mode Voltage Range: Positive
VO = 0V
2(V+)–5
2(V+)–4
V
Negative
VO = 0V
2(V–)+5
2(V–)+2
V
Differential Voltage Range
See Typical Curve
Common-Mode Rejection
VCM = ±31V, RS = 0Ω
74
90
dB
Impedance(4)
Differential
50
k
Common-Mode
50
k
GAIN
Initial
1
V/V
Error
VO = –16V to 16V
±0.02
±0.1
%
vs Temperature
±1
±10
ppm/
°C
Nonlinearity
VO = –16V to 16V
0.0001
%
OUTPUT
Voltage Output, Positive
(V+)–2
(V+)–1.8
V
Negative
(V–)+2
(V–)+1.6
V
Current Limit, Continuous to Common
±60
mA
Capacitive Load (Stable Operation)
500
pF
POWER SUPPLY
Rated Voltage
±18
V
Voltage Range
±4
±18
V
Quiescent Current (per Amplifier)
IO = 0
±2.4
±2.9
mA
TEMPERATURE RANGE
Specification Range
–40
85
°C
Operation Range
–55
125
°C
Storage Range
–55
125
°C
Thermal Resistance,
θ
JA
8-Pin DIP
100
°C/W
SO-8 Surface-Mount
150
°C/W
14-Pin DIP
80
°C/W
SO-14 Surface-Mount
100
°C/W
NOTES: (1) dBu = 20log (Vrms /0.7746). (2) Includes effects of amplifier’s input current noise and thermal noise contribution of resistor network.
(3) Includes effects of amplifier’s input bias and offset currents. (4) 25k
Ω resistors are ratio matched but have ±25% absolute value.


Similar Part No. - INA134

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134 Datasheet
260Kb / 9P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
INA134PA BURR-BROWN-INA134PA Datasheet
260Kb / 9P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
INA134PA BURR-BROWN-INA134PA Datasheet
203Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
INA134PAG4 BURR-BROWN-INA134PAG4 Datasheet
203Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
INA134UA BURR-BROWN-INA134UA Datasheet
260Kb / 9P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
More results

Similar Description - INA134

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA134 BURR-BROWN-INA134 Datasheet
260Kb / 9P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB G = 1
INA134 BURR-BROWN-INA134_06 Datasheet
203Kb / 12P
   AUDIO DIFFERENTIAL LINE RECEIVERS 0dB (G=1)
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com