Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA118UB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA118UB
Description  INA118 Precision, Low Power Instrumentation Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA118UB Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA118UB Datasheet HTML 4Page - Texas Instruments INA118UB Datasheet HTML 5Page - Texas Instruments INA118UB Datasheet HTML 6Page - Texas Instruments INA118UB Datasheet HTML 7Page - Texas Instruments INA118UB Datasheet HTML 8Page - Texas Instruments INA118UB Datasheet HTML 9Page - Texas Instruments INA118UB Datasheet HTML 10Page - Texas Instruments INA118UB Datasheet HTML 11Page - Texas Instruments INA118UB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Temperature (°C)
500
400
300
200
–75
–50
–25
0
25
50
75
100
125
1.5
1
0.5
0
Slew
Rate
I
Q
V
S = ±15V
V
S = ±1.35V
10
8
6
4
2
0
–2
–4
–6
–8
–10
Overload Voltage (V)
–40
0
40
G = 1
G = 1
G = 1000
G = 1000
Frequency (Hz)
1
10
1k
100
1k
100
10
1
10k
G = 1
G = 10
100
10
1
0.1
Current Noise
(All Gains)
G = 100, 1000
G = 1000 BW Limit
Gain (V/V)
1000
100
10
1
10
100
1000
0.01%
0.1%
R
L = 10k
C
L = 100pF
Frequency (Hz)
160
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
G = 1000
G = 100
G = 10
G = 1
Frequency (Hz)
160
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
G = 1000
G = 100
G = 10
G = 1
INA118
SBOS027A – SEPTEMBER 2000 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V (unless otherwise noted).
Figure 7. Positive Power Supply Rejection vs Frequency
Figure 8. Negative Power Supply Rejection vs Frequency
Figure 9. Input-Referred Noise Voltage vs Frequency
Figure 10. Settling Time vs Gain
Figure 11. Quiescent Current and Slew Rate vs Temperature
Figure 12. Input Bias Current vs Input Overload Voltage
8
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: INA118


Similar Part No. - INA118UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118UB BURR-BROWN-INA118UB Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118UB TI1-INA118UB Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118UB2K5 TI1-INA118UB2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118UB2K5G4 TI1-INA118UB2K5G4 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118UBG4 TI1-INA118UBG4 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA118UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com