Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA145UAE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA145UAE4
Description  Programmable Gain DIFFERENCE AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA145UAE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA145UAE4 Datasheet HTML 6Page - Texas Instruments INA145UAE4 Datasheet HTML 7Page - Texas Instruments INA145UAE4 Datasheet HTML 8Page - Texas Instruments INA145UAE4 Datasheet HTML 9Page - Texas Instruments INA145UAE4 Datasheet HTML 10Page - Texas Instruments INA145UAE4 Datasheet HTML 11Page - Texas Instruments INA145UAE4 Datasheet HTML 12Page - Texas Instruments INA145UAE4 Datasheet HTML 13Page - Texas Instruments INA145UAE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
®
INA145
FIGURE 4. Noise Filtering.
FIGURE 5. Creating Gains Less Than Unity.
FIGURE 6. Clamp Circuits.
V
O
18
6
V
IN
G = 1
Pole at
106Hz
R
G1
10k
10k
R
G2
1M
22nF
INA145
5
2
3
1500pF
Pole at
720Hz
V
IN
+
V
O
1
8
6
R
G2
10k
R
1
R
2
R
3
R
4
10k
5.0V
or Analog-to-Digital V
S
0V
≤ V
O ≤ 5V
NOTE: (1) 1/2 OPA2342 with V
S connected to +5V and GND.
Voltage
Reference
1N914
INA145
5
2
3
V
IN
V
IN
+
(1)
1N914
(1)
To Pin 8
Alternate
Soft Clamp
1N914
1N4684
(3.3V)
V
O
10k
INA145
5
6
8
1
2
3
V
IN
V
IN
+
R
3
R
4
G =
G
≤ 1
R
3 + R4
R
3


Similar Part No. - INA145UAE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA145UA BURR-BROWN-INA145UA Datasheet
127Kb / 11P
   Programmable Gain DIFFERENCE AMPLIFIER
More results

Similar Description - INA145UAE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA145 BURR-BROWN-INA145 Datasheet
127Kb / 11P
   Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8271 AD-AD8271 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
logo
Texas Instruments
INA146 TI1-INA146 Datasheet
332Kb / 15P
[Old version datasheet]   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA146 BURR-BROWN-INA146 Datasheet
129Kb / 11P
   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD628 AD-AD628_15 Datasheet
573Kb / 21P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD628 AD-AD628 Datasheet
247Kb / 20P
   High Common-Mode Voltage Programmable Gain Difference Amplifier
REV. C
AD628 AD-AD628_06 Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
AD628 AD-AD628_07 Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com