Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA200AIDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA200AIDR
Description  INA20x High-Side Measurement Current-Shunt Monitor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200AIDR Datasheet(HTML) 1 Page - Texas Instruments

  INA200AIDR Datasheet HTML 1Page - Texas Instruments INA200AIDR Datasheet HTML 2Page - Texas Instruments INA200AIDR Datasheet HTML 3Page - Texas Instruments INA200AIDR Datasheet HTML 4Page - Texas Instruments INA200AIDR Datasheet HTML 5Page - Texas Instruments INA200AIDR Datasheet HTML 6Page - Texas Instruments INA200AIDR Datasheet HTML 7Page - Texas Instruments INA200AIDR Datasheet HTML 8Page - Texas Instruments INA200AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
G
0.6V
Reference
Comparator
OUT
CMP
IN
CMP
OUT
V
IN-
V
IN+
INA200 (G = 20)
INA201 (G = 50)
INA202 (G = 100)
RESET
GND
V
S
2
3
4
6
5
7
8
1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
INA200, INA201, INA202
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
INA20x High-Side Measurement Current-Shunt Monitor
With Open-Drain Comparator and Reference
1 Features
3 Description
The INA200, INA201, and INA202 devices are high-
1
Complete Current Sense Solution
side current-shunt monitors with voltage output and
Three gain Options Available:
integrated comparator. The INA200–INA202 devices
INA200 = 20 V/V
can sense drops across shunts at common-mode
voltages from –16 V to 80 V. The INA200–INA202
INA201 = 50 V/V
devices are available with three output voltage
INA202 = 100 V/V
scales: 20 V/V, 50 V/V, and 100 V/V, with a
0.6-V Internal Voltage Reference
bandwidth up to 500-kHz.
Internal Open-Drain Comparator
The INA200, INA201, and INA202 devices also
Latching Capability on Comparator
incorporate an open-drain comparator and internal
reference
providing
a
0.6-V
threshold.
External
Common-Mode Range: –16 V to 80 V
dividers are used to set the current trip point. The
High Accuracy: 3.5% Maximum Error Over
comparator includes a latching capability, which can
Temperature
be made transparent by grounding (or leaving open)
Bandwidth: 500 kHz (INA200)
the RESET pin.
Quiescent Current: 1800
μA (maximum)
The INA200, INA201, and INA202 devices operate
Packages: SOIC-8, VSSOP-8
from a single 2.7-V to 18-V supply, drawing a
maximum of 1800
μA of supply current. Package
options include the very small VSSOP-8 and the
2 Applications
SOIC-8. All versions are specified over the extended
Notebook Computers
operating temperature range of –40°C to 125°C.
Cell Phones
Telecom Equipment
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Automotive
INA200
SOIC (8)
4.90 mm × 3.91 mm
Power Management
INA201
VSSOP (8)
3.00 mm × 3.00 mm
Battery Chargers
INA202
Welding Equipment
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA200AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200AIDRG4 TI1-INA200AIDRG4 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA200AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com