Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA157UG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA157UG4
Description  High-Speed, Precision DIFFERENCE AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA157UG4 Datasheet(HTML) 1 Page - Texas Instruments

  INA157UG4 Datasheet HTML 1Page - Texas Instruments INA157UG4 Datasheet HTML 2Page - Texas Instruments INA157UG4 Datasheet HTML 3Page - Texas Instruments INA157UG4 Datasheet HTML 4Page - Texas Instruments INA157UG4 Datasheet HTML 5Page - Texas Instruments INA157UG4 Datasheet HTML 6Page - Texas Instruments INA157UG4 Datasheet HTML 7Page - Texas Instruments INA157UG4 Datasheet HTML 8Page - Texas Instruments INA157UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
High-Speed, Precision
DIFFERENCE AMPLIFIER
©1999 Burr-Brown Corporation
PDS-1483B
Printed in U.S.A. March, 1999
®
FEATURES
q DESIGNED FOR LOW COST
q LOW OFFSET VOLTAGE:
±500µV max
q LOW OFFSET DRIFT:
±2µV/°C
q LOW GAIN ERROR:
±0.05% max
q WIDE BANDWIDTH: 3MHz
q HIGH SLEW RATE: 14V/
µs
q FAST SETTLING TIME: 3
µs to 0.01%
q WIDE SUPPLY RANGE:
±4V to ±18V
q LOW QUIESCENT CURRENT: 2.4mA
q SO-8 SURFACE-MOUNT PACKAGE
INA157
DESCRIPTION
The INA157 is a high slew rate, G = 1/2 or G = 2
difference amplifier consisting of a precision op amp
with a precision resistor network. The on-chip resis-
tors are laser trimmed for accurate gain and high
common-mode rejection. Excellent TCR tracking of
the resistors maintains gain accuracy and common-
mode rejection over temperature. The input common-
mode voltage range extends beyond the positive and
negative supply rails. It operates on
±4V to ±18V
supplies.
The difference amplifier is the foundation of many
commonly used circuits. The INA157 provides this
circuit function without using an expensive precision
resistor network. The INA157 is available in a SO-8
surface-mount package and is specified for operation
over the extended industrial temperature range, –40
°C
to +85
°C.
APPLICATIONS
q DIFFERENTIAL INPUT AMPLIFIER
q INSTRUMENTATION AMPLIFIER
BUILDING BLOCK
q G = 1/2 AMPLIFIER
q G = 2 AMPLIFIER
q DIFFERENTIAL CURRENT RECEIVER
q VOLTAGE-CONTROLLED CURRENT SOURCE
q GROUND LOOP ELIMINATOR
q CURRENT SHUNT MONITOR
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
2
3
4
–In
+In
V–
6k
12k
6k
12k
5
1
Sense
Ref
6
Output
7
V+
INA157
For most current data sheet and other product
information, visit www.burr-brown.com
SBOS105


Similar Part No. - INA157UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA157U BURR-BROWN-INA157U Datasheet
80Kb / 8P
   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA157U-2K5 TI1-INA157U-2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA157UA BURR-BROWN-INA157UA Datasheet
80Kb / 8P
   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
More results

Similar Description - INA157UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
   High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
   High Voltage, Precision Difference Amplifier
Rev. 0
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA2133UAE4 TI-INA2133UAE4 Datasheet
376Kb / 20P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Analog Devices
AD8209 AD-AD8209 Datasheet
318Kb / 16P
   High Voltage, Precision Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com