Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA155UA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA155UA
Description  Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA155UA Datasheet(HTML) 2 Page - Texas Instruments

  INA155UA Datasheet HTML 1Page - Texas Instruments INA155UA Datasheet HTML 2Page - Texas Instruments INA155UA Datasheet HTML 3Page - Texas Instruments INA155UA Datasheet HTML 4Page - Texas Instruments INA155UA Datasheet HTML 5Page - Texas Instruments INA155UA Datasheet HTML 6Page - Texas Instruments INA155UA Datasheet HTML 7Page - Texas Instruments INA155UA Datasheet HTML 8Page - Texas Instruments INA155UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
®
INA155
SPECIFICATIONS: VS = +2.7V to +5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C
At TA = +25°C, RL = 10kΩ connected to VS/2. RG pins open (G = 10), and Ref = VS/2, unless otherwise noted.
INA155E, U
INA155EA, UA
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage, RTI
VOS
VS = +5.0V, VCM = VS/2
±0.2
±1
VV
mV
Over Temperature
±1.5
V
mV
Drift
dVOS/dT
±5
V
µV/°C
vs Power Supply
PSRR
VS = +2.7V to +6V, VCM = 0.2 • VS
±50
±200
VV
µV/V
Over Temperature
±250
V
µV/V
vs Time
±0.4
V
µV/mo
INPUT VOLTAGE RANGE
Safe Input Voltage
(V–) – 0.5
(V+) + 0.5
VV
V
Common-Mode Range(1)
VCM
VS = 5.5V
0.3
5.2(2)
VV
V
VS = 2.7V
0.2
2.5(2)
VV
V
Common-Mode Rejection Ratio
CMRR
VS = 5.5V, 0.6V < VCM < 3.7V, G = 10
92
100
80
V
dB
Over Temperature
85
79
dB
VS = 5.5V, 0.6V < VCM < 3.7V, G = 50
86
90
77
V
dB
Over Temperature
85
76
dB
INPUT IMPEDANCE
Differential
1013 || 3
V
Ω || pF
Common-Mode
1013 || 3
V
Ω || pF
INPUT BIAS CURRENT
Input Bias Current
IB
±1
±10
VV
pA
Offset Current
IOS
±1
±10
VV
pA
NOISE, RTI
RS = 0Ω, G = 10 or 50
Voltage Noise: f = 0.1Hz to 10Hz
4.5
V
µV/Vp-p
Voltage Noise Density: f = 10Hz
260
V
nV/
√Hz
f = 100Hz
99
V
nV/
√Hz
f = 1kHz
40
V
nV/
√Hz
Current Noise: f = 1kHz
2
V
fA/
√Hz
GAIN
10
50
VV
V/V
Gain Equation
G = 10 + 400k
Ω/(10kΩ + R
G)
V
V/V
Gain Error(3)
VS = 5.5V, VO = 0.01V to 5.49V, G = 10
±0.02
±0.1
VV
%
vs Temperature
±2
±10
VV
ppm/
°C
VS = 5.5V, VO = 0.05V to 5.45V, G = 50
±0.05
±0.25
VV
%
vs Temperature
±15
±30
VV
ppm/
°C
Nonlinearity
VS = 5.5V, G = 10 or 50
±0.005
±0.015
VV
% of FSR
Over Temperature
±0.015
V
% of FSR
OUTPUT
Voltage Output Swing from Rail
RL = 10kΩ, GERR < 0.1%
5
10
VV
mV
Over Temperature
10
V
mV
Short-Circuit Current
Short Circuit to Ground
±50
V
mA
Capacitance Load (stable operation)
See Typical Curve
V
FREQUENCY RESPONSE
Bandwidth, –3dB
BW
G = 10
550
V
kHz
G = 50
110
V
kHz
Slew Rate
SR
VS = 5.5V, CL = 100pF
6.5
V
V/
µs
Settling Time: 0.1%
tS VS = 5.5V, VO = 2V Step, CL = 100pF, G = 10
5
V
µs
VS = 5.5V, VO = 2V Step, CL = 100pF, G = 50
11
V
µs
0.01%
VS = 5.5V, VO = 2V Step, CL = 100pF, G = 10
8
V
µs
VS = 5.5V, VO = 2V Step, CL = 100pF, G = 50
15
V
µs
Overload Recovery
50% Input Overload
0.2
V
µs
Total Harmonic Distortion + Noise
THD+N
See Typical Curve
V
POWER SUPPLY
Specified Voltage Range
+2.7
+5.5
VV
V
Operating Voltage Range
+2.5 to +6
V
V
Quiescent Current
VIN = 0, IO = 0
1.7
2.1
VV
mA
Over Temperature
VIN = 0, IO = 0
2.6
V
mA
TEMPERATURE RANGE
Specified Range
–40
+85
VV
°C
Operating Range
–65
+150
VV
°C
Storage Range
–65
+150
VV
°C
Thermal Resistance
θ
JA
MSOP-8 Surface Mount
150
V
°C/W
SO-8 Surface Mount
150
V
°C/W
V Same as INA155E, U.
NOTES: (1) For further information, refer to typical performance curves on common-mode input range. (2) Operation above (V+) – 1.8V (max) results in reduced common-mode
rejection. See discussion and Figure 6 in the text of this data sheet. (3) Does not include error and TCR of additional optional gain-setting resistor in series with RG, if used.


Similar Part No. - INA155UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155UA BURR-BROWN-INA155UA Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155UA TI-INA155UA Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155UA2K5 TI-INA155UA2K5 Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155UA2K5G4 TI-INA155UA2K5G4 Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155UAG4 TI-INA155UAG4 Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA155UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com