Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7417N3 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN7417N3
Description  Convert TTL Voltage Levels to MOS Levels
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN7417N3 Datasheet(HTML) 3 Page - Texas Instruments

  SN7417N3 Datasheet HTML 1Page - Texas Instruments SN7417N3 Datasheet HTML 2Page - Texas Instruments SN7417N3 Datasheet HTML 3Page - Texas Instruments SN7417N3 Datasheet HTML 4Page - Texas Instruments SN7417N3 Datasheet HTML 5Page - Texas Instruments SN7417N3 Datasheet HTML 6Page - Texas Instruments SN7417N3 Datasheet HTML 7Page - Texas Instruments SN7417N3 Datasheet HTML 8Page - Texas Instruments SN7417N3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN5407, SN5417, SN7407, SN7417
HEX BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS032G − DECEMBER 1983 − REVISED MAY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
SN5407, SN5417
4.5
5
5.5
V
VCC
Supply voltage
SN7407, SN7417
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage
SN5407, SN7407
30
V
VOH
High-level output voltage
SN5417, SN7417
15
V
IOL
Low-level output current
SN5407, SN5417
30
mA
IOL
Low-level output current
SN7407, SN7417
40
mA
TA
Operating free-air temperature
SN5407, SN5417
−55
125
°C
TA
Operating free-air temperature
SN7407, SN7417
0
70
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = −12 mA
−1.5
V
IOH
VCC = MIN,
VIH = 2 V
VOH = 30 V (SN5407, SN7407)
0.25
mA
IOH
VCC = MIN,
VIH = 2 V
VOH = 15 V (SN5417, SN7417)
0.25
mA
IOL = 16 mA
0.4
VOL
VCC = MIN,
VIL = 0.8 V
IOL = 30 mA (SN5407, SN5417)
0.7
V
VOL
VCC = MIN,
VIL = 0.8 V
IOL = 40 mA (SN7407, SN7417)
0.7
V
II
VCC = MAX,
VI = 5.5 V
1
mA
IIH
VCC = MAX,
VIH = 2.4 V
40
µA
IIL
VCC = MAX,
VIL = 0.4 V
−1.6
mA
ICCH
VCC = MAX
29
41
mA
ICCL
VCC = MAX
21
30
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 110 Ω,
CL = 15 pF
6
10
ns
tPHL
A
Y
RL = 110 Ω,
CL = 15 pF
20
30
ns
tPLH
A
Y
RL = 150 Ω,
CL = 50 pF
15
ns
tPHL
A
Y
RL = 150 Ω,
CL = 50 pF
26
ns


Similar Part No. - SN7417N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN7417N3 TI-SN7417N3 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417N3 TI-SN7417N3 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417N3 TI1-SN7417N3 Datasheet
1Mb / 25P
[Old version datasheet]   Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
More results

Similar Description - SN7417N3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV51216EALL ISSI-IS62WV51216EALL Datasheet
1Mb / 18P
   TTL compatible interface levels
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS62WV10248DALL ISSI-IS62WV10248DALL Datasheet
490Kb / 15P
   TTL compatible interface levels
IS62WV20488EALL ISSI-IS62WV20488EALL Datasheet
656Kb / 14P
   TTL compatible interface levels
IS62C5128BL ISSI-IS62C5128BL Datasheet
512Kb / 14P
   TTL compatible interface levels
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
logo
ILSI America LLC
ISM37 ILSI-ISM37 Datasheet
103Kb / 2P
   CMOS Logic Levels
logo
IP SEMICONDUCTOR CO., L...
IPS808-05D IPS-IPS808-05D Datasheet
286Kb / 5P
   High sensitive triggering levels
IPS808-05I IPS-IPS808-05I Datasheet
290Kb / 4P
   High sensitive triggering levels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com