Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2010D1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2010D1
Description  2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2010D1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2010D1 Datasheet HTML 4Page - Texas Instruments TPA2010D1 Datasheet HTML 5Page - Texas Instruments TPA2010D1 Datasheet HTML 6Page - Texas Instruments TPA2010D1 Datasheet HTML 7Page - Texas Instruments TPA2010D1 Datasheet HTML 8Page - Texas Instruments TPA2010D1 Datasheet HTML 9Page - Texas Instruments TPA2010D1 Datasheet HTML 10Page - Texas Instruments TPA2010D1 Datasheet HTML 11Page - Texas Instruments TPA2010D1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TPA2010D1
SLOS417A − OCTOBER 2003 − REVISED DECEMBER 2003
www.ti.com
8
Figure 19
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
20 k
f − Frequency − Hz
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
VDD = 2. 5 V
VDD = 3.6 V
VDD = 5 V
Inputs ac-grounded
CI = 2 µF
RL = 8 Ω
Gain = 2 V/V
10 k
Figure 20
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
20 k
VDD = 2.5 V
VDD = 3.6 V
f − Frequency − Hz
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
Inputs ac-grounded
CI = 2 µF
RL = 4 Ω
Gain = 2 V/V
VDD = 5 V
10 k
Figure 21
−90
−80
−70
−60
−50
−40
−30
20
100
1 k
10 k
VDD = 2.5 V
VDD = 5 V
f − Frequency − Hz
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
Inputs floating
RL = 8 Ω
VDD = 3.6 V
20 k
Figure 22
C1 − High
3.6 V
C1 − Amp
512 mV
C1 − Duty
12%
t − Time − 2 ms/div
GSM POWER SUPPLY REJECTION
vs
TIME
VDD
200 mV/div
VOUT
20 mV/div
Figure 23
−150
−100
−50
0
400
800
1200
1600
2000
−150
−100
−50
0
0
f − Frequency − Hz
VDD Shown in Figure 22
CI = 2 µF,
Inputs ac-grounded
Gain = 2V/V
GSM POWER SUPPLY REJECTION
vs
FREQUENCY
Figure 24
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5 5
DC Common Mode Voltage − V
SUPPLY RIPPLE REJECTION RATIO
vs
DC COMMON MODE VOLTAGE
VDD = 2. 5 V
VDD = 3.6 V
VDD = 5 V
Figure 25
−75
−70
−65
−60
−55
−50
20
100
1 k
20 k
VDD = 3.6 V
f − Frequency − Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
VIC = 200 mVPP
RL = 8 Ω
Gain = 2 V/V
10 k
Figure 26
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
012
345
VIC − Common Mode Input Voltage − V
COMMON-MODE REJECTION RATIO
vs
COMMON-MODE INPUT VOLTAGE
VDD = 5 V,
Gain = 2
VDD = 2.5 V
VDD = 3.6 V


Similar Part No. - TPA2010D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI-TPA2010D1YEFR Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEFR TI1-TPA2010D1YEFR Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
More results

Similar Description - TPA2010D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com