Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75451BDE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75451BDE4
Description  SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75451BDE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75451BDE4 Datasheet HTML 1Page - Texas Instruments SN75451BDE4 Datasheet HTML 2Page - Texas Instruments SN75451BDE4 Datasheet HTML 3Page - Texas Instruments SN75451BDE4 Datasheet HTML 4Page - Texas Instruments SN75451BDE4 Datasheet HTML 5Page - Texas Instruments SN75451BDE4 Datasheet HTML 6Page - Texas Instruments SN75451BDE4 Datasheet HTML 7Page - Texas Instruments SN75451BDE4 Datasheet HTML 8Page - Texas Instruments SN75451BDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
2B
2A
1B
1A
4
5
3
GND
2Y
1Y
7
6
2
1
Copyright © 2016 Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN55451B, SN55452B, SN55453B, SN55454B
SN75451B, SN75452B, SN75453B, SN75454B
SLRS021C – DECEMBER 1967 – REVISED MAY 2016
SN5545xB, SN7545xB Dual-Peripheral Drivers for High-Current, High-Speed Switching
1
1 Features
1
Characterized for Use to 300 mA
High-Voltage Outputs up to 30 V
No Output Latch-Up at 20 V (After Conducting
300 mA)
High-Speed Switching
Open-Collector Outputs
Circuit Flexibility for Varied Applications
TTL-Compatible Diode-Clamped Inputs
Standard Supply Voltages
2 Applications
High-Speed Logic Buffers
Power Drivers
Lamp Drivers
LED Drivers
Line Drivers
Memory Drivers
3 Description
The SN5545xB and SN7545xB devices are dual-
peripheral drivers designed for use in systems that
employ
TTL
logic.
This
family
is
functionally
interchangeable with and replaces the SN75450
family
and
the
SN75450A
family
devices
manufactured previously. The speed of the devices is
equal to that of the SN75450 family, and the parts are
designed to ensure freedom from latch-up. Diode-
clamped inputs simplify circuit design.
The
SNx5451B,
SNx5452B,
SNx5453B,
and
SNx5454B devices are dual peripheral AND, NAND,
OR,
and
NOR
drivers,
respectively
(assuming
positive logic), with the output of the logic gates
internally connected to the bases of the npn output
transistors.
The
SN5545xB
drivers
are
characterized
for
operation over the full military range of –55°C to
125°C. The SN7545xB drivers are characterized for
operation from 0°C to 70°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN7545xBP
PDIP (8)
9.81 mm × 6.35 mm
SN7545xBD
SOIC (8)
4.90 mm × 3.90 mm
SN7545xBPS
SO (8)
6.20 mm x 5.30 mm
SN5545xBJG
CDIP (8)
9.60 mm × 6.67 mm
SN5545xBFK
LCCC (20)
8.89 mm × 8.89 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SN75451B Logic Diagram


Similar Part No. - SN75451BDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75451BDE4 TI-SN75451BDE4 Datasheet
377Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75451BDE4 TI-SN75451BDE4 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75451BDE4 TI1-SN75451BDE4 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
More results

Similar Description - SN75451BDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55451B TI1-SN55451B_18 Datasheet
1Mb / 30P
[Old version datasheet]   Dual-Peripheral Drivers for High-Current, High-Speed Switching
SN75460 TI-SN75460 Datasheet
557Kb / 10P
[Old version datasheet]   PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com