Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54110PWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54110PWP
Description  3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS BUCK PWM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54110PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54110PWP Datasheet HTML 2Page - Texas Instruments TPS54110PWP Datasheet HTML 3Page - Texas Instruments TPS54110PWP Datasheet HTML 4Page - Texas Instruments TPS54110PWP Datasheet HTML 5Page - Texas Instruments TPS54110PWP Datasheet HTML 6Page - Texas Instruments TPS54110PWP Datasheet HTML 7Page - Texas Instruments TPS54110PWP Datasheet HTML 8Page - Texas Instruments TPS54110PWP Datasheet HTML 9Page - Texas Instruments TPS54110PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPS54110
SLVS500A − DECEMBER 2003
www.ti.com
6
FUNCTIONAL BLOCK DIAGRAM
Falling
Edge
Deglitch
Enable
Comparator
1.2 V
VIN
2.95 V
Hysteresis: 0.03 V
2.5
µs
Falling
and
Rising
Edge
Deglitch
2.5
µs
VIN UVLO
Comparator
Hysteresis: 0.16 V
Internal/External
Slow-start
(Internal Slow-start Time = 3.35 ms
Reference
VREF = 0.891 V
+
Error
Amplifier
Thermal
Shutdown
150
°C
SHUTDOWN
SS_DIS
PWM
Comparator
OSC
Leading
Edge
Blanking
100 ns
RQ
S
Adaptive Dead-Time
and
Control Logic
SHUTDOWN
VIN
REG
VBIAS
VIN
BOOT
VIN
PH
CO
PGND
PWRGD
Falling
Edge
Deglitch
35
µs
VSENSE
SHUTDOWN
0.93 Vref
Hysteresis: 0.03 Vref
Powergood
Comparator
AGND
VBIAS
ILIM
Comparator
3 − 6 V
VO
SYNC
RT
COMP
VSENSE
SS/ENA
TPS54110
LOUT


Similar Part No. - TPS54110PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54110PWP TI1-TPS54110PWP Datasheet
971Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
TPS54110PWPG4 TI1-TPS54110PWPG4 Datasheet
971Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
TPS54110PWPR TI1-TPS54110PWPR Datasheet
971Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
TPS54110PWPRG4 TI1-TPS54110PWPRG4 Datasheet
971Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
More results

Similar Description - TPS54110PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54612QPWPRQ1 TI-TPS54612QPWPRQ1 Datasheet
344Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT,6-A OUTPUT SYNCHRONOUS BUCK PWM
TPS54110 TI1-TPS54110_16 Datasheet
971Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs
TPS54110 TI-TPS54110_15 Datasheet
898Kb / 30P
[Old version datasheet]   3-V TO 6-V Input, 1.5-A Output Synchronous-Buck PWM Switcher with Integrated FETs ( SWIFT??
TPS54373PWPRG4 TI1-TPS54373PWPRG4 Datasheet
724Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER
TPS54110-Q1 TI-TPS54110-Q1_15 Datasheet
981Kb / 27P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
logo
ON Semiconductor
NCP1592 ONSEMI-NCP1592_12 Datasheet
603Kb / 20P
   3 V to 6 V Input, 6 A Output Synchronous Buck PWM Switcher with Integrated FETs
July, 2012 ??Rev. 1
logo
Texas Instruments
TPS54610 TI-TPS54610 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54611-EP TI1-TPS54611-EP_16 Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54311-EP TI1-TPS54311-EP_16 Datasheet
718Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com