Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC339G2 Datasheet(PDF) 1 Page - NEC

Part # UPC339G2
Description  LOW POWER QUAD COMPARATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC339G2 Datasheet(HTML) 1 Page - NEC

  UPC339G2 Datasheet HTML 1Page - NEC UPC339G2 Datasheet HTML 2Page - NEC UPC339G2 Datasheet HTML 3Page - NEC UPC339G2 Datasheet HTML 4Page - NEC UPC339G2 Datasheet HTML 5Page - NEC UPC339G2 Datasheet HTML 6Page - NEC UPC339G2 Datasheet HTML 7Page - NEC UPC339G2 Datasheet HTML 8Page - NEC UPC339G2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1997
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC339
LOW POWER QUAD COMPARATOR
DESCRIPTION
The
µPC339 is a quad comparator which is designed
to operate from a single power supply over a wide range
of voltage. Operation from split power supplies, is also
possible and the power supply current drain is very low.
Further advantage, the input common-mode voltage in-
cludes ground, even though operated from a single power
supply voltage.
Document No. G11764EJ3V0DS00 (3rd edition)
(Previous No. IC-1986)
Date Published February 1997 N
Printed in Japan
FEATURES
Common-mode input voltage range includes V
Wide supply voltage range
2 V to 32 V (Single)
±1 V to ±16 V (Split)
Low supply current
Open collector output
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION (Top View)
The mark
shows major revised points.
The information in this document is subject to change without notice.
ORDERING INFORAMTION
Part Number
Package
µPC339C
14-pin plastic DIP (300 mil)
µPC339G2
14-pin plastic SOP (225 mil)
100 A
100 A
µ
µ
µ
V+
V
OUT
Q8
Q7
Q6
Q5
Q2
Q1
Q3
Q4
IN
II
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT3
OUT4
V
IN4
II4
IN3
II3
OUT2
OUT1
V+
II1
IN1
II2
IN2
14
23
–+
–+
–+
–+
PC339C, 339G2


Similar Part No. - UPC339G2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC339G2 RENESAS-UPC339G2 Datasheet
236Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC339G2-A RENESAS-UPC339G2-A Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
More results

Similar Description - UPC339G2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
   LOW POWER QUAD COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
   Low Power Quad Comparator
logo
Gamma Microelectronics ...
GM339 GAMMA-GM339 Datasheet
125Kb / 7P
   LOW POWER QUAD DIFFERENTIAL COMPARATOR
logo
Analog Devices
CMP04 AD-CMP04 Datasheet
275Kb / 8P
   Quad Low Power, Precision Comparator
REV. D
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
   Ultra-Low Power Quad Comparator
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
   Low power quad voltage comparator
logo
Texas Instruments
LP2901-Q1 TI-LP2901-Q1 Datasheet
154Kb / 8P
[Old version datasheet]   LOW-POWER QUAD DIFFERENTIAL COMPARATOR
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
   Low power quad voltage comparator
logo
Texas Instruments
LP339 TI1-LP339 Datasheet
274Kb / 14P
[Old version datasheet]   Ultra-Low Power Quad Comparator
logo
STMicroelectronics
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
   Low-power quad voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com