Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL600-0101A1-35AM1A2 Datasheet(PDF) 11 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL600-0101A1-35AM1A2
Description  These specifications are applied to the chip type LED lamp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL600-0101A1-35AM1A2 Datasheet(HTML) 11 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLL600-0101A1-35AM1A2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
9-3. Eye Safety
- The International Electrical Commission (IEC) published in 2006 IEC 62471
”2006 Photobiological safety oflamps and lamp systems
” which includes LEDs within its scope.
When sorting single LEDs according to IEC 62471, most LEDs can be classified as belonging to
either Exempt Group or Risk Group 1.
- Optical characteristics of LEDs such as radiant flux, spectrum and light distribution are factors
that affect the risk group determination of the LED, and especially a high-power LED,
that emits light containing blue wavelengths, may have properties equivalent to those of Risk Group 2.
- Great care should be taken when directly viewing an LED that is driven at high current,
has multiple uses as a module or when focusing the light with optical instruments,
as these actions may greatly increase the hazard to your eyes.
- In addition, LED sources that were included within the scope of IEC 60825-1 /
Edition 1.2 “laser safety standard”, published 2001 were removed from the scope of
the IEC 60825-1 / Edition 2.0 revised 2007.
- However, keep in mind that some countries and regions have adopted standards based
on the IEC laser safety standard IEC 60825-1:2001 which includes LEDs within its scope.
9-4. Other directions
(1) It is requested to avoid any stress added to the resin portion while it is heated.
(2) It is requested to avoid any friction by sharp metal nail etc. to the resin portion.
(3) If the product might to be used under the following conditions, the customer must evaluate
its appropriateness them. This product is not designed for use under the following conditions.
in places where the product might:
- get wet due to rain
- suffer from damage caused by salt.
- be exposed to corrosive gas such as Cl, H2S, NH3, SO2, Nox and so on.
- be exposed to dust, fluid or oil.
Symbol
CITILED
Name
CLL600-0101A1-35AM1A2
CITIZEN ELECTRONICS CO.,LTD. JAPAN
DATA SHEET
Ref.CE-P1607
10/11


Similar Part No. - CLL600-0101A1-35AM1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-30AM1A2 CITIZEN-CLL600-0101A1-30AM1A2 Datasheet
392Kb / 13P
   These specifications are applied to the chip type LED lamp
More results

Similar Description - CLL600-0101A1-35AM1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-40AM1A2 CITIZEN-CLL600-0101A1-40AM1A2 Datasheet
315Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-35AM1B1 CITIZEN-CLL130-0102A5-35AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-30AM1B1 CITIZEN-CLL130-0102A5-30AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-27AM1A2 CITIZEN-CLL600-0101A1-27AM1A2 Datasheet
395Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-40AM1B1 CITIZEN-CLL130-0102A5-40AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-27AM1B1 CITIZEN-CLL130-0102A5-27AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-50CM1A2 CITIZEN-CLL600-0101A1-50CM1A2 Datasheet
317Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-30AM1A2 CITIZEN-CLL600-0101A1-30AM1A2 Datasheet
392Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-65CM1B3 CITIZEN-CLL130-0102A5-65CM1B3 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-50CM1A9 CITIZEN-CLL130-0102A5-50CM1A9 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com