Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL600-0101A1-35AM1A2 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL600-0101A1-35AM1A2
Description  These specifications are applied to the chip type LED lamp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL600-0101A1-35AM1A2 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CLL600-0101A1-35AM1A2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL600-0101A1-35AM1A2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
( 2 ) Electro-optical Characteristics
T
=25C
Symbol
Min. Typ. Max.
Unit
VF
2.9
3.2
3.5
V
IR
-
-
100
µA
Rj-s*1
-
90
-
C/W
φV
18.4
24.5
30.7
lm
Ra
80
85
-
-
*1 Thermal Resistance : Junction - Solder terminal (Anode)
*1 The tolerance of measurement at our tester is VF±3% , φv±7% , Chromaticity(x,y)±0.01
Symbol
delivered.
Except designation of a delivery proportion of each rank.
Parameter
Condition
DATA SHEET
IF=80mA
VR=5V
Forward Voltage
Reverse Current
Thermal Resistance
General Color Rendering Index
CITIZEN ELECTRONICS CO.,LTD. JAPAN
IF=80mA
Name
CLL600-0101A1-35AM1A2
CITILED
Luminous Flux
Junction-solder
IF=80mA
Ranking (Condition : IF=80mA , Ts=25C)
0
0
Symbol Rank
Min.
Max.
Unit
Q
2.9
3.1
R
3.1
3.3
S
3.3
3.5
B
18.4
22.5
C
22.5
26.6
D
26.6
30.7
Chromaticity coordinates ( Condition : IF=80mA ,Ts=25C)
x
y
x
y
0.415 0.409
0.430 0.417
0.400 0.402
0.415 0.409
0.394 0.385
0.408 0.392
0.408 0.392
0.422 0.399
0.415 0.409
0.430 0.417
x
y
x
y
0.408 0.392
0.422 0.399
0.394 0.385
0.408 0.392
0.389 0.369
0.402 0.375
0.402 0.375
0.415 0.381
lm
VF
V
Color Rank
Color Rank
2
1
Color Rank
Color Rank
4
3
Luminous Flux
Parameter
φv
Forward Voltage
Ref.CE-P1607
10/11


Similar Part No. - CLL600-0101A1-35AM1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-30AM1A2 CITIZEN-CLL600-0101A1-30AM1A2 Datasheet
392Kb / 13P
   These specifications are applied to the chip type LED lamp
More results

Similar Description - CLL600-0101A1-35AM1A2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-40AM1A2 CITIZEN-CLL600-0101A1-40AM1A2 Datasheet
315Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-35AM1B1 CITIZEN-CLL130-0102A5-35AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-30AM1B1 CITIZEN-CLL130-0102A5-30AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-27AM1A2 CITIZEN-CLL600-0101A1-27AM1A2 Datasheet
395Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-40AM1B1 CITIZEN-CLL130-0102A5-40AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-27AM1B1 CITIZEN-CLL130-0102A5-27AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-50CM1A2 CITIZEN-CLL600-0101A1-50CM1A2 Datasheet
317Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-30AM1A2 CITIZEN-CLL600-0101A1-30AM1A2 Datasheet
392Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-65CM1B3 CITIZEN-CLL130-0102A5-65CM1B3 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-50CM1A9 CITIZEN-CLL130-0102A5-50CM1A9 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com