Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL130-0102A5-40AM1B1 Datasheet(PDF) 4 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLL130-0102A5-40AM1B1
Description  These specifications are applied to the chip type LED lamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLL130-0102A5-40AM1B1 Datasheet(HTML) 4 Page - CITIZEN ELECTRONICS CO., LTD.

  CLL130-0102A5-40AM1B1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-40AM1B1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-40AM1B1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-40AM1B1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-40AM1B1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-40AM1B1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-40AM1B1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-40AM1B1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLL130-0102A5-40AM1B1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3/13
( 2 ) Electro-optical Characteristics
Ts=25C
Symbol
Min.
Typ.
Max.
Unit
VF
2.55
2.80
3.15
V
Rj-s*1
-
30
-
C/W
Φv
15.6
18.8
22.6
lm
Ra
80
85
-
-
*1 Thermal Resistance : Junction - Solder terminal (Anode)
*1 The tolerance of measurement at our tester is VF±3% , Φv±7% , Chromaticity(x,y)±0.01
*For an order, products within the rank listed above will be delivered.
Except designation of a delivery proportion of each rank.
Symbol
Junction-solder
IF=50mA
Thermal Resistance
General Color Rendering Index
CITILED
Luminous Flux
Name
IF=50mA
Parameter
Condition
DATA SHEET
Forward Voltage
IF=50mA
CLL130-0102A5-40AM1B1
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Ranking (Condition : IF=50mA , Ts=25C)
0
0
Symbol
Rank
Min.
Max.
Unit
Q
2.55
2.65
R
2.65
2.75
S
2.75
2.85
T
2.85
2.95
U
2.95
3.05
V
3.05
3.15
C
15.6
18.8
D
18.8
22.6
Chromaticity coordinates ( Condition : IF=50mA ,Ts=25C)
x
y
x
y
0.3871
0.3959
0.4006
0.4044
0.3736
0.3874
0.3871
0.3959
0.3703
0.3726
0.3828
0.3803
0.3828
0.3803
0.3952
0.3880
0.3871
0.3959
0.4006
0.4044
x
y
x
y
0.3828
0.3803
0.3952
0.3880
0.3703
0.3726
0.3828
0.3803
0.3670
0.3578
0.3784
0.3647
0.3784
0.3647
0.3898
0.3716
Forward Voltage
Color Rank
Color Rank
3
VF
Parameter
Luminous Flux
Φv
Color Rank
4
V
Color Rank
1
2
lm
Ref.CE-P2127 05/12


Similar Part No. - CLL130-0102A5-40AM1B1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL130-0102A5-27AM1B1 CITIZEN-CLL130-0102A5-27AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-30AM1B1 CITIZEN-CLL130-0102A5-30AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-35AM1B1 CITIZEN-CLL130-0102A5-35AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-50CM1A9 CITIZEN-CLL130-0102A5-50CM1A9 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-65CM1B3 CITIZEN-CLL130-0102A5-65CM1B3 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
More results

Similar Description - CLL130-0102A5-40AM1B1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL600-0101A1-40AM1A2 CITIZEN-CLL600-0101A1-40AM1A2 Datasheet
315Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-35AM1B1 CITIZEN-CLL130-0102A5-35AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-30AM1B1 CITIZEN-CLL130-0102A5-30AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-35AM1A2 CITIZEN-CLL600-0101A1-35AM1A2 Datasheet
383Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-27AM1A2 CITIZEN-CLL600-0101A1-27AM1A2 Datasheet
395Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-27AM1B1 CITIZEN-CLL130-0102A5-27AM1B1 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-50CM1A2 CITIZEN-CLL600-0101A1-50CM1A2 Datasheet
317Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL600-0101A1-30AM1A2 CITIZEN-CLL600-0101A1-30AM1A2 Datasheet
392Kb / 13P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-65CM1B3 CITIZEN-CLL130-0102A5-65CM1B3 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
CLL130-0102A5-50CM1A9 CITIZEN-CLL130-0102A5-50CM1A9 Datasheet
1Mb / 14P
   These specifications are applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com