Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2350PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2350PW
Description  Hot Swap Power Manager for Redundant ??8-V Supplies
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2350PW Datasheet(HTML) 1 Page - Texas Instruments

  TPS2350PW Datasheet HTML 1Page - Texas Instruments TPS2350PW Datasheet HTML 2Page - Texas Instruments TPS2350PW Datasheet HTML 3Page - Texas Instruments TPS2350PW Datasheet HTML 4Page - Texas Instruments TPS2350PW Datasheet HTML 5Page - Texas Instruments TPS2350PW Datasheet HTML 6Page - Texas Instruments TPS2350PW Datasheet HTML 7Page - Texas Instruments TPS2350PW Datasheet HTML 8Page - Texas Instruments TPS2350PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
CLOAD
RLOAD
CRAMP
CFLT
3
4
TPS2350
11
10
7
9
8
RTN
GAT
SENSE
SOURCE
GATA
GATB
–VINB
–VINA
RAMP
FLTTIM
OV
UV
–VINB
–VINA
Q1
1
5
6
14
13
12
PG
2
FLT
Power Good
Fault
RSENSE
0.01
D1
(A)
TPS2350
www.ti.com
SLUS574D – JULY 2003 – REVISED OCTOBER 2013
Hot Swap Power Manager for Redundant –48-V Supplies
Check for Samples: TPS2350
1
FEATURES
DESCRIPTION
Replaces OR-ing Diodes
The TPS2350 is a hot swap power manager
Operating Supply Range of –12 V to –80 V
optimized for replacing OR-ing diodes in redundant
Withstands Transients to –100 V
power –48-V systems. The TPS2350 operates with
supply voltages from –12 V to –80 V, and withstands
Programmable Current Limit
spikes to –100 V.
Programmable Linear Inrush Slew Rate
The TPS2350 uses two power FETs as low voltage
Programmable UV/OV Thresholds
drop
diodes
to
efficiently
select
between
two
Programmable UV and OV Hysteresis
redundant power supplies. This minimizes system
Fault Timer to Eliminate Nuisance Trips
power dissipation and also minimizes voltage drop
through the power management chain.
Power Good and Fault Outputs
14-Pin SOIC and TSSOP Package
The TPS2350 also uses a third power FET to provide
load current slew rate control and peak current
limiting that is programmed by one resistor and one
APPLICATIONS
capacitor. The device also provides a power good
–48-V Distributed Power Systems
output to enable down-stream power converters and
Central Office Switching
a fault output to indicate load problems.
ONET
Base Stations
TYPICAL APPLICATION DIAGRAM
A.
D1 optional per application requirements.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2350PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350PW TI-TPS2350PW Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2350PWR TI-TPS2350PWR Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
More results

Similar Description - TPS2350PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com