Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2359RHH Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2359RHH
Description  Full-Featured, Dual-Slot AdvancedMC Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2359RHH Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2359RHH Datasheet HTML 5Page - Texas Instruments TPS2359RHH Datasheet HTML 6Page - Texas Instruments TPS2359RHH Datasheet HTML 7Page - Texas Instruments TPS2359RHH Datasheet HTML 8Page - Texas Instruments TPS2359RHH Datasheet HTML 9Page - Texas Instruments TPS2359RHH Datasheet HTML 10Page - Texas Instruments TPS2359RHH Datasheet HTML 11Page - Texas Instruments TPS2359RHH Datasheet HTML 12Page - Texas Instruments TPS2359RHH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
TPS2359
www.ti.com
SLUS792H – FEBRUARY 2008 – REVISED MAY 2013
TPS2359 TERMINAL FUNCTIONS
PIN #
NAME
TYPE
DESCRIPTION
1
IN12A
VDD
12A input
2
SENPA
I
12A input sense
3
SETA
I
12A current limit set
4
SENMA
I
12A current limit sense
5
VINT
I/O
Bypass capacitor connection point for internal supply, pullup for A0 – A2
6
SUM12A
I/O
12A summing node
7
SDA
I/O
Serial data input/output
8
SCL
I
Serial data clock
9
SUM12B
I/O
12B summing node
10
BLKB
O
12B blocking transistor gate drive
11
OUT12B
I/O
12B output
12
GNDB
GND
12B power ground
13
PASSB
O
12B pass transistor gate drive
14
SENMB
I
12B current limit sense
15
SETB
I
12B current limit set
16
SENPB
I
12B input sense
17
IN12B
VDD
12B input
18
IN3B
VDD
3B input
19
OUT3B
I/O
3B output
20
A1
I
I2C address programming bit, LSB+1
21
SUM3B
I/O
3B summing node
22
VDD3B
VDD
3B charge pump input
23
AGND
GND
Analog ground
24
IRPT
O
Active low interrupt, asserts when a PG deasserts or when a FLT\ asserts
25
SUM3A
I/O
3A summing node
26
A2
I
I2C address programming bit, LSB+2
27
OUT3A
I/O
3A output
28
IN3A
VDD
3A input
29
VDD3A
VDD
3A charge pump input
30
EN3B
I
3B enable, active high
31
EN3A
I
3A enable, active high
32
PASSA
O
12A pass transistor gate drive
33
GNDA
GND
12A power ground
34
OUT12A
I/O
12A output
35
BLKA
O
12A blocking transistor gate drive
36
A0
I
I2C address programming bit, LSB
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2359


Similar Part No. - TPS2359RHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2359RHHR TI-TPS2359RHHR Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
TPS2359RHHT TI-TPS2359RHHT Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
More results

Similar Description - TPS2359RHH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2359 TI-TPS2359 Datasheet
1Mb / 51P
[Old version datasheet]   TPS2359 Full Featured Dual-Slot AdvancedMC??Controller
TPS2358_0806 TI-TPS2358_0806 Datasheet
932Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
NCP1560 ONSEMI-NCP1560 Datasheet
122Kb / 18P
   Full Featured Voltage Mode PWM Controller
January, 2003 - Rev. 5
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Texas Instruments
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com