Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22959 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22959
Description  5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22959 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22959 Datasheet HTML 4Page - Texas Instruments TPS22959 Datasheet HTML 5Page - Texas Instruments TPS22959 Datasheet HTML 6Page - Texas Instruments TPS22959 Datasheet HTML 7Page - Texas Instruments TPS22959 Datasheet HTML 8Page - Texas Instruments TPS22959 Datasheet HTML 9Page - Texas Instruments TPS22959 Datasheet HTML 10Page - Texas Instruments TPS22959 Datasheet HTML 11Page - Texas Instruments TPS22959 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
t
R
t
F
t
ON
t
OFF
90%
90%
10%
10%
V
ON
V
OUT
V
OUT
50%
50%
50%
50%
t
D
10%
RL
+
-
OFF
ON
TPS22959
VIN
VOUT
CL
GND
(A)
GND
ON
GND
C
IN = 1µF
TPS22959
SLVSCN2B – JUNE 2014 – REVISED JULY 2015
www.ti.com
(1)
Rise and fall times of the control signal is 100ns.
Figure 1. Test Circuit
Figure 2. Timing Waveforms
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS22959


Similar Part No. - TPS22959

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 26P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950 TI-TPS22950 Datasheet
914Kb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
More results

Similar Description - TPS22959

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com