Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22961 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22961
Description  3.5-V, 6-A, Ultra-low Resistance Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22961 Datasheet(HTML) 5 Page - Texas Instruments

  TPS22961 Datasheet HTML 1Page - Texas Instruments TPS22961 Datasheet HTML 2Page - Texas Instruments TPS22961 Datasheet HTML 3Page - Texas Instruments TPS22961 Datasheet HTML 4Page - Texas Instruments TPS22961 Datasheet HTML 5Page - Texas Instruments TPS22961 Datasheet HTML 6Page - Texas Instruments TPS22961 Datasheet HTML 7Page - Texas Instruments TPS22961 Datasheet HTML 8Page - Texas Instruments TPS22961 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS22961
www.ti.com
SLVSCI4B – FEBRUARY 2014 – REVISED SEPTEMBER 2014
7.5 Electrical Characteristics, VBIAS = 5.0 V
Unless otherwise noted, the specification in the following table applies over the operating ambient temperature
–40°C
≤ TA ≤ 85°C (full) and VBIAS = 5.0 V. Typical values are for TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
IOUT = 0, VIN = 3 V,
IQ, VBIAS
VBIAS quiescent current
Full
0.6
1
µA
VON = VBIAS = 5.0 V
ISD, VBIAS
VBIAS shutdown current
VON = 0 V, VOUT = 0 V
Full
0.6
1
µA
VIN = 3.0 V
0.0009
0.1
VIN = 2.5 V
0.0008
0.1
VON = 0 V,
ISD, VIN
VIN shutdown current
VIN = 2.0 V
Full
0.0007
0.1
µA
VOUT = 0 V
VIN = 1.05 V
0.0007
0.1
VIN = 0.8 V
0.0006
0.1
ON terminal input leakage
ION
VON = 5.5 V
Full
0.1
µA
current
RESISTANCE CHARACTERISTICS
25°C
6.5
8
VIN = 3.0 V
m
Full
8.8
25°C
5.3
6.3
VIN = 2.5 V
m
Full
7.2
25°C
4.8
5.8
IOUT = –200 mA,
RON
ON-state resistance
VIN = 2.0 V
m
VBIAS = 5.0 V
Full
6.7
25°C
4.4
5.3
VIN = 1.05 V
m
Full
6.2
25°C
4.3
5.3
VIN = 0.8 V
m
Full
6.1
RPD
Output pulldown resistance
VIN = 5.0 V, VON = 0 V, VOUT = 1 V
Full
260
300
7.6 Electrical Characteristics, VBIAS = 3.0 V
Unless otherwise noted, the specification in the following table applies over the operating ambient temperature
–40°C
≤ TA ≤ 85°C (full) and VBIAS = 3.0 V. Typical values are for TA = 25°C unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
IOUT = 0, VIN = 1 V,
IQ, VBIAS
VBIAS quiescent current
Full
0.3
1
µA
VON = VBIAS = 3.0 V
ISD, VBIAS
VBIAS shutdown current
VON = 0 V, VOUT = 0 V
Full
0.3
1
µA
VIN = 1.05 V
0.001
0.1
VON = 0 V,
ISD, VIN
VIN shutdown current
Full
µA
VOUT = 0 V
VIN = 0.8 V
0.0008
0.1
ON terminal input leakage
ION
VON = 5.5 V
Full
0.1
µA
current
RESISTANCE CHARACTERISTICS
25°C
6.7
8.4
VIN =1.05 V
m
Full
9.2
IOUT = –200 mA,
RON
ON-state resistance
VBIAS = 3.0 V
25°C
5.8
7.0
VIN = 0.8 V
m
Full
7.9
RPD
Output pull-down resistance
VIN = 3V, VON = 0 V, VOUT = 1 V
Full
260
300
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS22961


Similar Part No. - TPS22961

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22960 TI-TPS22960 Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960 TI-TPS22960 Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960DCNR TI-TPS22960DCNR Datasheet
638Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
TPS22960DCNR TI-TPS22960DCNR Datasheet
727Kb / 24P
[Old version datasheet]   LOW INPUT VOLTAGE,DUAL LOAD SWITCH WITH CONTROLLED TURN-ON
More results

Similar Description - TPS22961

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22966 TI1-TPS22966 Datasheet
858Kb / 26P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Excelliance MOS Corp.
EM5208 EXCELLIANCE-EM5208 Datasheet
872Kb / 9P
   Dual Channel, Ultra-Low Resistance Load Switch
EM5209 EXCELLIANCE-EM5209 Datasheet
1Mb / 10P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Richtek Technology Corp...
RT9740A RICHTEK-RT9740A Datasheet
248Kb / 16P
   Dual Channel, Ultra-Low Resistance Load Switch
logo
Texas Instruments
TPS22968 TI1-TPS22968 Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com