Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22958DGKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22958DGKR
Description  5.5-V, 4-A / 6-A, 14-m廓 Load Switch with Adjustable Rise Time
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22958DGKR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22958DGKR Datasheet HTML 6Page - Texas Instruments TPS22958DGKR Datasheet HTML 7Page - Texas Instruments TPS22958DGKR Datasheet HTML 8Page - Texas Instruments TPS22958DGKR Datasheet HTML 9Page - Texas Instruments TPS22958DGKR Datasheet HTML 10Page - Texas Instruments TPS22958DGKR Datasheet HTML 11Page - Texas Instruments TPS22958DGKR Datasheet HTML 12Page - Texas Instruments TPS22958DGKR Datasheet HTML 13Page - Texas Instruments TPS22958DGKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Ambient Temperature (qC)
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
D005
VIN = 0.6V
VIN = 1.8V
VIN = 2.5V
Ambient Temperature (qC)
-50
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
20
D006
VIN = 0.6V
VIN = 3.3V
VIN = 5V
VBIAS (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
D003
-40°C
25°C
85°C
105°C
VIN (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
D004
-40°C
25°C
85°C
105°C
VBIAS (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
10
20
30
40
50
60
70
80
D001
-40°C
25°C
85°C
105°C
VIN (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
45
47
49
51
53
55
57
59
61
63
65
D002
-40°C
25°C
85°C
105°C
TPS22958, TPS22958N
SLVSCX7A – FEBRUARY 2015 – REVISED MARCH 2015
www.ti.com
7.9 Typical DC Characteristics
VIN = VBIAS
VOUT = Open
VON = 5 V
VBIAS = 5 V
VON = 5 V
VOUT = Open
Figure 1. Quiescent Current vs VBIAS
Figure 2. Quiescent Current vs VIN
VIN = VBIAS
VOUT = 0 V
VON = 0 V
VBIAS = 5 V
VOUT = 0 V
VON = 0 V
Figure 3. Shutdown Current vs VBIAS
Figure 4. VIN Shutdown Current vs VIN
VBIAS = 2.5 V
VON = 5 V
IOUT = –200 mA
VBIAS = 5 V
VON = 5 V
IOUT = –200 mA
Figure 5. RON vs Temperature
Figure 6. RON vs Temperature
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS22958 TPS22958N


Similar Part No. - TPS22958DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 26P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
DECEMBER 2020
TPS22950 TI-TPS22950 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
TPS22950 TI-TPS22950 Datasheet
1Mb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
SEPTEMBER 2022
TPS22950 TI-TPS22950 Datasheet
914Kb / 25P
[Old version datasheet]   TPS22950-Q1 5-V, 2.7-A, 34-mΩ Automotive Load Switch With Adjustable Current Limit
REVISED DECEMBER 2022
More results

Similar Description - TPS22958DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22992 TI-TPS22992_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992 TI-TPS22992 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch with Adjustable Rise Time
TPS22919 TI1-TPS22919_19 Datasheet
1Mb / 25P
[Old version datasheet]   5.5 V, 1.5 A, 90-m廓 Self-protected load switch with controlled rise time
TPS22919 TI1-TPS22919 Datasheet
798Kb / 17P
[Old version datasheet]   5.5 V, 1.5 A, 90-m廓 Self-Protected Load Switch with Controlled Rise Time
TPS22997 TI-TPS22997 Datasheet
1,013Kb / 25P
[Old version datasheet]   TPS22997 5.5-V, 10-A, 4-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995 TI-TPS22995 Datasheet
882Kb / 26P
[Old version datasheet]   TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22995 TI-TPS22995_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPS22995 5.5-V, 3.8-A, 18-mΩ On-Resistance Load Switch with Adjustable Rise Time
DECEMBER 2022
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22950 TI-TPS22950 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22950 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
TPS22950 TI-TPS22950_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22950x 5.5-V, 2.7-A, 34-m廓 Adjustable Current Limited Load Switch
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com