Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-L104-MC6W1-F5 Datasheet(PDF) 4 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L104-MC6W1-F5
Description  This data sheet is applied to the chip type LED lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L104-MC6W1-F5 Datasheet(HTML) 4 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-L104-MC6W1-F5 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC6W1-F5 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC6W1-F5 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC6W1-F5 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC6W1-F5 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC6W1-F5 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC6W1-F5 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC6W1-F5 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-MC6W1-F5 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3/11
( 2 ) Electro-optical Characteristics
( Tc=25 C )
Symbol Condition
Min.
Typ.
Max.
Unit
VF
IF=700mA
8.1
9.2
9.9
V
Φv
IF=700mA
510
640
-
lm
Ra
IF=700mA
-
85
-
-
Rj-c
Junction-case
-
5.0
-
C/W
Chromaticity coordinates ( Condition : IF=700mA ,Tc=25 C )
0
0
0
0
Note: The tolerance of measurement at our tester is VF±3% , Φv±10% , Chromaticity(x,y)±0.01.
Symbol
CITILED
Name
CL-L104-MC6W1-F5
DATA SHEET
General Color
Rendering Index
Thermal Resistance
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Parameter
Forward Voltage
Luminous Flux
Reference (ANSI C78.377)
x
y
x
y
0.3818
0.3797
Center
0.3818
0.3797
(3985K)
a
0.4006
0.4044
a
0.00939
b
0.3736
0.3874
b
0.00402
c
0.3670
0.3578
θ°
54.00
d
0.3898
0.3716
*Color region stay within MacAdam "3-step" ellipse from the chromaticity center.
*The chromaticity center refers to ANSI C78.377:2008.
Please refer to ANSI C78.377 for the chromaticity center.
*θ is the angle between the major axis of the ellipse and the x-axis,
and a and b are the major and minor semi-axes of an ellipse. (Ref. IEC 60081:1997 AnnexD)
W1
Color rank
Color rank
W1
Center
Oval parameter
x-y chart-CIE1931
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.36
0.37
0.38
0.39
0.40
0.41
x
Color region
Color region
(ANSI)
3800K
4400K
4000K
3600K
4200K
Ref.CE-P2379 03/13 R1(0613)


Similar Part No. - CL-L104-MC6W1-F5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L104-MC6WW1-F5 CITIZEN-CL-L104-MC6WW1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
More results

Similar Description - CL-L104-MC6W1-F5

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L104-MC3WW1-F5 CITIZEN-CL-L104-MC3WW1-F5 Datasheet
241Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3L2-F5 CITIZEN-CL-L104-MC3L2-F5 Datasheet
239Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC6L2-F5 CITIZEN-CL-L104-HC6L2-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC3L1-F5 CITIZEN-CL-L104-HC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6L1-F5 CITIZEN-CL-L104-MC6L1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3W1-F5 CITIZEN-CL-L104-MC3W1-F5 Datasheet
236Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3L1-F5 CITIZEN-CL-L104-MC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6N1-F5 CITIZEN-CL-L104-MC6N1-F5 Datasheet
252Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6L2-F5 CITIZEN-CL-L104-MC6L2-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC3W1-F5 CITIZEN-CL-L104-HC3W1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6WW1-F5 CITIZEN-CL-L104-MC6WW1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com