Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22954DSQR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22954DSQR
Description  5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22954DSQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22954DSQR Datasheet HTML 3Page - Texas Instruments TPS22954DSQR Datasheet HTML 4Page - Texas Instruments TPS22954DSQR Datasheet HTML 5Page - Texas Instruments TPS22954DSQR Datasheet HTML 6Page - Texas Instruments TPS22954DSQR Datasheet HTML 7Page - Texas Instruments TPS22954DSQR Datasheet HTML 8Page - Texas Instruments TPS22954DSQR Datasheet HTML 9Page - Texas Instruments TPS22954DSQR Datasheet HTML 10Page - Texas Instruments TPS22954DSQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
TPS22954, TPS22953
www.ti.com
SLVSCT5C – MARCH 2015 – REVISED JULY 2015
8.7 Electrical Characteristics, VBIAS = 3.3 V
Unless otherwise noted, the specification in the following table applies over the operating ambient temperature
–40 °C
≤ TA ≤ 105 °C and VBIAS = 3.3 V. Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
-40°C to 85°C
19
35
µA
IQ, BIAS
BIAS quiescent current
IOUT = 0, VIN = 0.7 V to VBIAS, VEN = 5 V
-40°C to 105°C
37
-40°C to 85°C
4
6
µA
VOUT = 0 V, VIN = 0.7 V to VBIAS,
ISD, BIAS
BIAS shutdown current
VEN = 0 V to VIL
-40°C to 105°C
7
µA
-40°C to 85°C
0.01
3
VIN = 3.3 V
-40°C to 105°C
10
-40°C to 85°C
0.01
3
VIN = 1.8 V
-40°C to 105°C
10
VEN = 0 V to VIL,
ISD, IN
Input shutdown current
µA
VOUT = 0 V
-40°C to 85°C
0.01
2
VIN = 1.2 V
-40°C to 105°C
8
-40°C to 85°C
0.01
2
VIN = 0.7 V
-40°C to 105°C
8
IEN
EN pin input leakage current
VEN = 0 V to 5.7 V
-40°C to 105°C
0.1
µA
ISNS
SNS pin input leakage current
VSNS ≤ VBIAS
-40°C to 105°C
0.1
µA
RESISTANCE CHARACTERISTICS
25°C
15
21
VIN = 3.3 V
-40°C to 85°C
24
m
Ω
-40°C to 105°C
25
25°C
14
20
VIN = 1.8 V
-40°C to 85°C
23
m
Ω
-40°C to 105°C
24
25°C
14
20
RON
ON-state resistance
IOUT = –200 mA
VIN = 1.5 V
-40°C to 85°C
23
m
Ω
-40°C to 105°C
24
25°C
14
20
VIN = 1.2 V
-40°C to 85°C
23
m
Ω
-40°C to 105°C
24
25°C
14
20
VIN = 0.7 V
-40°C to 85°C
23
m
Ω
-40°C to 105°C
24
25°C
13
28
Ω
Output pulldown resistance
RPD
VIN = VOUT = VBIAS, VEN = 0 V
(TPS22954 Only)
-40°C to 105°C
30
Ω
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS22954 TPS22953


Similar Part No. - TPS22954DSQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22954 TI-TPS22954 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954 TI-TPS22954 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22954-Q1 TI-TPS22954-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954-Q1 TI-TPS22954-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22954QDQCRQ1 TI-TPS22954QDQCRQ1 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results

Similar Description - TPS22954DSQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com