Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22963C Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22963C
Description  5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22963C Datasheet(HTML) 1 Page - Texas Instruments

  TPS22963C_15 Datasheet HTML 1Page - Texas Instruments TPS22963C_15 Datasheet HTML 2Page - Texas Instruments TPS22963C_15 Datasheet HTML 3Page - Texas Instruments TPS22963C_15 Datasheet HTML 4Page - Texas Instruments TPS22963C_15 Datasheet HTML 5Page - Texas Instruments TPS22963C_15 Datasheet HTML 6Page - Texas Instruments TPS22963C_15 Datasheet HTML 7Page - Texas Instruments TPS22963C_15 Datasheet HTML 8Page - Texas Instruments TPS22963C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Li-ion
Battery
OFF
ON
VIN
VOUT
ROUT
COUT
ON
GND
CIN
LOAD
TPS22963/
TPS22964
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS22963C, TPS22964C
SLVSBS6A – JUNE 2013 – REVISED JANUARY 2015
TPS2296xC 5.5-V, 3-A, 13-m
Ω On-Resistance Load Switch With Reverse Current
Protection and Controlled Turn-On
1 Features
3 Description
The TPS22963/64 is a small, ultra-low RON load
1
Integrated N-Channel Load Switch
switch with controlled turn on. The device contains a
Input Voltage Range: 1 V to 5.5 V
low RDSON N-Channel MOSFET that can operate over
Internal Pass-FET RDSON = 8 mΩ (Typ)
an input voltage range of 1 V to 5.5 V and switch
currents of up to 3 A. An integrated charge pump
Ultra-Low ON-Resistance
biases the NMOS switch in order to achieve a low
RON = 13 mΩ (Typ) at VIN = 5 V
switch ON-Resistance. The switch is controlled by an
RON = 14 mΩ (Typ) at VIN = 3.3 V
on/off input (ON), which is capable of interfacing
directly with low-voltage GPIO control signals. The
RON = 18 mΩ (Typ) at VIN = 1.8 V
rise time of the TPS22963/64 device is internally
3A Maximum Continuous Switch Current
controlled in order to avoid inrush current.
Reverse Current Protection (When Disabled)
The
TPS22963/64
provides
reverse
current
Low Shutdown Current (760 nA)
protection. When the power switch is disabled, the
Low Threshold 1.3-V GPIO Control Input
device will not allow the flow of current towards the
Controlled Slew-Rate to Avoid Inrush Current
input
side
of
the
switch.
The
reverse
current
protection feature is active only when the device is
Quick Output Discharge (TPS22964 only)
disabled so as to allow for intentional reverse current
Six Terminal Wafer-Chip-Scale Package (Nominal
(when the switch is enabled) for some applications.
Dimensions Shown - See Addendum for Details)
The TPS22963/64 is available in a small, space-
0.9 mm x 1.4 mm, 0.5 mm Pitch, 0.5 mm
saving 6-pin WCSP package and is characterized for
Height (YZP)
operation over the free air temperature range of
ESD Performance Tested Per JESD 22
–40°C to 85°C.
2-kV Human-Body Model (A114-B, Class II)
Device Information(1)
500-V Charged-Device Model (C101)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS2296xC
DSBGA (6)
1.40 mm x 0.90 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Smartphones
the end of the datasheet.
Notebook Computer and Ultrabook™
Tablet PC Computer
Solid State Drives (SSD)
DTV/IP Set Top Box
POS Terminals and Media Gateways
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS22963C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963CYZPR TI1-TPS22963CYZPR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22963CYZPR TI-TPS22963CYZPR Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22963CYZPT TI1-TPS22963CYZPT Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22963CYZPT TI-TPS22963CYZPT Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
More results

Similar Description - TPS22963C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963C TI-TPS22963C_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
logo
Global Mixed-mode Techn...
G5010 GMT-G5010 Datasheet
75Kb / 1P
   Dual-Low On-Resistance Load Switch with Controlled Turn-On
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com