Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22965NDSGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22965NDSGR
Description  5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22965NDSGR Datasheet(HTML) 5 Page - Texas Instruments

  TPS22965NDSGR Datasheet HTML 1Page - Texas Instruments TPS22965NDSGR Datasheet HTML 2Page - Texas Instruments TPS22965NDSGR Datasheet HTML 3Page - Texas Instruments TPS22965NDSGR Datasheet HTML 4Page - Texas Instruments TPS22965NDSGR Datasheet HTML 5Page - Texas Instruments TPS22965NDSGR Datasheet HTML 6Page - Texas Instruments TPS22965NDSGR Datasheet HTML 7Page - Texas Instruments TPS22965NDSGR Datasheet HTML 8Page - Texas Instruments TPS22965NDSGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
TPS22965
www.ti.com
SLVSBJ0F – AUGUST 2012 – REVISED AUGUST 2016
Product Folder Links: TPS22965
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground pin.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
Input voltage
–0.3
6
V
VOUT
Output voltage
–0.3
6
V
VBIAS
Bias voltage
–0.3
6
V
VON
On voltage
–0.3
6
V
IMAX
Maximum continuous switch current
6
A
IPLS
Maximum pulsed switch current, pulse < 300 µs, 2% duty cycle
8
A
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
See the Application Information section.
(2)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(max)], the
maximum power dissipation of the device in the application [PD(max)], and the junction-to-ambient thermal resistance of the part/package
in the application (θJA), as given by the equation: TA (max) = TJ(max) – (θJA × PD(max))
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
Input voltage
0.8
VBIAS
V
VBIAS
Bias voltage
2.5
5.7
V
VON
ON voltage
0
5.7
V
VOUT
Output voltage
VIN
V
VIH
High-level input voltage, ON
VBIAS = 2.5 V to 5.7 V
1.1
5.7
V
VIL
Low-level input voltage, ON
VBIAS = 2.5 V to 5.7 V
0
0.5
V
CIN
Input capacitor
1(1)
µF
TA
Operating free-air temperature(2)
–40
105
°C


Similar Part No. - TPS22965NDSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22965NQWDSGRQ1 TI1-TPS22965NQWDSGRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22965NQWDSGTQ1 TI1-TPS22965NQWDSGTQ1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22965NTDSGRQ1 TI1-TPS22965NTDSGRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22965NTDSGTQ1 TI1-TPS22965NTDSGTQ1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
More results

Similar Description - TPS22965NDSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22976 TI-TPS22976_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS22976 5.7-V, 6-A, 14-m廓 On-Resistance Dual-Channel Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22953-Q1 TI-TPS22953-Q1 Datasheet
3Mb / 47P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-m廓 On-Resistance, Automotive Load Switch
NOVEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22953-Q1 TI-TPS22953-Q1_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TPS2295x-Q1 5.7-V, 5-A, 14-mΩ On-Resistance, Automotive Load Switch
REVISED JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com