Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-L104-C6N-F Datasheet(PDF) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L104-C6N-F
Description  This data sheet is applied to the chip type LED lamp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L104-C6N-F Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-L104-C6N-F Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-C6N-F Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-C6N-F Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-C6N-F Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-C6N-F Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-C6N-F Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-C6N-F Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-C6N-F Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CL-L104-C6N-F Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
6/11
6. Reliability
(1) Details of the tests
(2) Judgment Criteria of Failure for Reliability Test
(Ta=25 C)
Symbol
VF
Φv
U defines the upper limit of the specified characteristics. S defines the initial value.
Symbol
CITILED
Name
CL-L104-C6N-F
Test Condition
Measuring Condition
Judgment Criteria for Failure
> U × 1.1
< S × 0.85
Note: Measurement shall be taken between 2 hours and 24 hours, and the test pieces should be
IF=700mA
CITIZEN ELECTRONICS CO.,LTD. JAPAN
Total Luminous Flux
IF=700mA
returned to the normal ambient conditions after the completion of each test.
Thermal Shock Test
60 C, 90 %RH for 1000 hours
Moisture-proof Test
100 C × 1000 hours
High Temperature Storage Test
-40 C × 30 minutes – 100 C × 30 minutes, 100 cycle
-40 C × 1000 hours
Ta=-30 C, IF=700 mA× 1000 hours(with Al-fin)
Continuous Operation Test
Measuring Item
Forward Voltage
Low Temperature Storage Test
Ta=85 C, IF=700 mA× 1000 hours(with Al-fin)
Ta=60 C, IF=700 mA× 1000 hours(with Al-fin)
Test Item
DATA SHEET
Ref.CE-P2387 03/13 R1(0613)


Similar Part No. - CL-L104-C6N-F

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L104-C3N-F CITIZEN-CL-L104-C3N-F Datasheet
243Kb / 12P
   This data sheet is applied to the chip type LED lamp
More results

Similar Description - CL-L104-C6N-F

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L104-MC3WW1-F5 CITIZEN-CL-L104-MC3WW1-F5 Datasheet
241Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3L2-F5 CITIZEN-CL-L104-MC3L2-F5 Datasheet
239Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC6L2-F5 CITIZEN-CL-L104-HC6L2-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC3L1-F5 CITIZEN-CL-L104-HC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6L1-F5 CITIZEN-CL-L104-MC6L1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3W1-F5 CITIZEN-CL-L104-MC3W1-F5 Datasheet
236Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC3L1-F5 CITIZEN-CL-L104-MC3L1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6N1-F5 CITIZEN-CL-L104-MC6N1-F5 Datasheet
252Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6L2-F5 CITIZEN-CL-L104-MC6L2-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-HC3W1-F5 CITIZEN-CL-L104-HC3W1-F5 Datasheet
244Kb / 12P
   This data sheet is applied to the chip type LED lamp
CL-L104-MC6WW1-F5 CITIZEN-CL-L104-MC6WW1-F5 Datasheet
245Kb / 12P
   This data sheet is applied to the chip type LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com