Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22990N Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS22990N
Description  5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22990N Datasheet(HTML) 5 Page - Texas Instruments

  TPS22990N Datasheet HTML 1Page - Texas Instruments TPS22990N Datasheet HTML 2Page - Texas Instruments TPS22990N Datasheet HTML 3Page - Texas Instruments TPS22990N Datasheet HTML 4Page - Texas Instruments TPS22990N Datasheet HTML 5Page - Texas Instruments TPS22990N Datasheet HTML 6Page - Texas Instruments TPS22990N Datasheet HTML 7Page - Texas Instruments TPS22990N Datasheet HTML 8Page - Texas Instruments TPS22990N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
TPS22990
www.ti.com
SLVSDK1A – MAY 2016 – REVISED JULY 2016
Product Folder Links: TPS22990
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS22990
UNIT
DML (WSON)
10 PINS
RθJA
Junction-to-ambient thermal resistance
51.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
65
°C/W
RθJB
Junction-to-board thermal resistance
17
°C/W
ψJT
Junction-to-top characterization parameter
2.1
°C/W
ψJB
Junction-to-board characterization parameter
17
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.7
°C/W
7.5 Electrical Characteristics—VBIAS = 5 V
Unless otherwise noted, the specification in the following table applies over the operating ambient temp –40°C
≤ TA ≤ +105°C
(full) and VBIAS = 5 V. Typical values are for TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
IQ, VBIAS
VBIAS quiescent current
IOUT = 0 A,
VIN = VON = 5 V
–40°C to +85°C
63
76
µA
–40°C to +105°C
77
ISD, VBIAS
VBIAS shutdown current
VON = 0 V, VOUT = 0 V
–40°C to +85°C
5.5
7
µA
–40°C to +105°C
7
ISD, VIN
VIN shutdown current
VON = 0 V,
VOUT = 0 V
VIN = 5 V
–40°C to +85°C
0.004
4
µA
–40°C to +105°C
10
VIN = 3.3 V
–40°C to +85°C
0.003
3
–40°C to +105°C
7
VIN = 2.5 V
–40°C to +85°C
0.002
2
–40°C to +105°C
5
VIN = 1.8 V
–40°C to +85°C
0.002
2
–40°C to +105°C
4
VIN = 1.05 V
–40°C to +85°C
0.001
1
–40°C to +105°C
3
VIN = 0.6 V
–40°C to +85°C
0.001
1
–40°C to +105°C
2
ION
ON pin input leakage
current
VON = 5.5 V
–40°C to +105°C
0.1
µA
VHYS,ON
ON pin hysteresis
VIN = 5 V
25°C
123
mV
IPG, LKG
Leakage current into PG pin VPG = 5 V
–40°C to +105°C
0.5
µA
VPG,OL
PG output low voltage
VON = 0 V, IPG = 1 mA
–40°C to +105°C
0.2
V
RESISTANCE CHARACTERISTICS


Similar Part No. - TPS22990N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22992 TI-TPS22992 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch with Adjustable Rise Time
TPS22992 TI-TPS22992 Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992RXP TI-TPS22992RXP Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992RXPR TI-TPS22992RXPR Datasheet
1Mb / 31P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch With Adjustable Rise Time
DECEMBER 2021
TPS22992S TI-TPS22992S Datasheet
2Mb / 29P
[Old version datasheet]   TPS22992x 5-V, 8.7-m廓, 6-A Load Switch with Adjustable Rise Time
More results

Similar Description - TPS22990N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22965 TI1-TPS22965_16 Datasheet
1Mb / 31P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com