Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22993 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS22993
Description  Quad Channel Load Switch with GPIO and I2C Control
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22993 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22993_16 Datasheet HTML 5Page - Texas Instruments TPS22993_16 Datasheet HTML 6Page - Texas Instruments TPS22993_16 Datasheet HTML 7Page - Texas Instruments TPS22993_16 Datasheet HTML 8Page - Texas Instruments TPS22993_16 Datasheet HTML 9Page - Texas Instruments TPS22993_16 Datasheet HTML 10Page - Texas Instruments TPS22993_16 Datasheet HTML 11Page - Texas Instruments TPS22993_16 Datasheet HTML 12Page - Texas Instruments TPS22993_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
0
1
2
3
4
5
6
7
8
4.5
6.5
8.5
10.5
12.5
14.5
16.5
V
BIAS (V)
-40°C
25°C
85°C
C004
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
1
1.5
2
2.5
3
3.5
V
IN (V)
-40°C
25°C
85°C
C024
5
10
15
20
25
4.5
6.5
8.5
10.5
12.5
14.5
16.5
V
BIAS (V)
-40°C
25°C
85°C
C002
4
6
8
10
12
14
4.5
6.5
8.5
10.5
12.5
14.5
16.5
V
BIAS (V)
-40°C
25°C
85°C
C003
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.5
2
2.5
3
3.5
4
V
DD (V)
-40°C
25°C
85°C
C005
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.5
2
2.5
3
3.5
4
V
DD (V)
-40°C
25°C
85°C
C001
TPS22993
www.ti.com
SLVSCA3A – NOVEMBER 2013 – REVISED MARCH 2014
7.7 Typical Characteristics
Figure 1. IQ,VDD vs. VDD
Figure 2. ISD,VDD vs. VDD
Figure 3. IQ,VBIAS vs. VBIAS (all channels)
Figure 4. IQ,VBIAS vs. VBIAS (single channel)
Figure 6. ISD,VIN vs. VIN
Figure 5. ISD,VBIAS vs. VDD
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS22993


Similar Part No. - TPS22993_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22993PRLWR TI1-TPS22993PRLWR Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
TPS22993PRLWT TI1-TPS22993PRLWT Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
More results

Similar Description - TPS22993_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22993 TI1-TPS22993 Datasheet
624Kb / 6P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
TPS22994 TI1-TPS22994 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Channel Load Switch with GPIO and I2C Control
logo
ON Semiconductor
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
   Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
   FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
logo
Infineon Technologies A...
BGSX22G6U10 INFINEON-BGSX22G6U10 Datasheet
632Kb / 14P
   DPDT cross switch with GPIO control interface
Revision 2.0 2021-05-21
logo
Texas Instruments
TCA6418E TI1-TCA6418E Datasheet
853Kb / 30P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com