Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-T3588CN Datasheet(PDF) 6 Page - Exar Corporation

Part # XR-T3588CN
Description  V.35 Interface Receiver/Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-T3588CN Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR-T3588CN Datasheet HTML 2Page - Exar Corporation XR-T3588CN Datasheet HTML 3Page - Exar Corporation XR-T3588CN Datasheet HTML 4Page - Exar Corporation XR-T3588CN Datasheet HTML 5Page - Exar Corporation XR-T3588CN Datasheet HTML 6Page - Exar Corporation XR-T3588CN Datasheet HTML 7Page - Exar Corporation XR-T3588CN Datasheet HTML 8Page - Exar Corporation XR-T3588CN Datasheet HTML 9Page - Exar Corporation XR-T3588CN Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
XR-T3588-89ES
6
Rev. 1.00
XR-T3589
RX Switch Sections
Receiver
SEL A
SEL B
1, 2, 3, On
Off
Off
1, 2, On
Off
On
1 On
On
Off
All Off
On
On
Table 2. XR-T3589 Receiver Selection
XR-T3589 GROUND POTENTIAL OFFSET TESTING
The receiver ground potential offset test specified by
CCITT V.35 may be performed on the demo board. For
this test, jumper E-1 is first removed and then a DC
voltage in the range of
4V is applied between the GND
and OFFSET banana jacks.
ADDENDUM
Qty.
Value
Ref. Designators
Notes
15
51.1
Ω, 1/4W, 1% Metal Film Resistor
R1,2,3,5,7,8,10,11,
13,14,16,17,19,20,22
1
10K, 2%, 5 Resistor, Thick-Film Network,
Panasonic
R4
6
121
Ω, 1/4W, 1% Metal Film Resistor
R6,9,12,15,18,21
1
3.92K, 1/4W, 1% Metal Film Resistor
R23
2
22
µF, 16V, Electrolytic, Axial Lead,
5mm Dia., 2mm Spacing, Panasonic Type
NHE
C1,2
5
0.1
µF, 63V, Z5U Dilectric,
Axial Lead, 0.1” Spacing, Panasonic
C3,4,5,6,7
1
4-Position DIP Switch, CTS
S1
2
2 Pin Single-Row Header, Gold
E1
1
Shorting Jumper for Above Header
6
Female BNC Connector, PC Mount
Connector for Digital I/O
6
6-Pin RJ-11 Connector
Connector for Line
3
Banana Jack (1 Black, 1 Red, 1 Blue, 1
Green)
GND, VCC, VSS, OFFSET
Connectors
13
Pins for Digital I/O and Ground Pads
1
14 pin DIP Socket
1
18 pin DIP Socket
4
Spacers to Elevate Board
4
4-40 x 5/16” Screws
To Attach Spacers
Table 3. List of Components


Similar Part No. - XR-T3588CN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T3588 EXAR-XR-T3588 Datasheet
162Kb / 12P
   XR-T3588/89 Evaluation System
XR-T3588-89ES EXAR-XR-T3588-89ES Datasheet
162Kb / 12P
   XR-T3588/89 Evaluation System
XR-T3588ES EXAR-XR-T3588ES Datasheet
162Kb / 12P
   XR-T3588/89 Evaluation System
More results

Similar Description - XR-T3588CN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
   Receiver and Transmitter Interface
logo
Synaptics Incorporated.
CN8223 CONEXANT-CN8223 Datasheet
1Mb / 161P
   ATM Transmitter/Receiver with UTOPIA Interface
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Epson Company
S1R77081F EPSON-S1R77081F Datasheet
161Kb / 2P
   RSDS Transmitter/Receiver
logo
STMicroelectronics
STB4395 STMICROELECTRONICS-STB4395 Datasheet
153Kb / 16P
   CT2 RECEIVER/TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com