Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC44H01DAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01DAR
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC44H01DAR Datasheet(HTML) 4 Page - Texas Instruments

  TPIC44H01DAR Datasheet HTML 1Page - Texas Instruments TPIC44H01DAR Datasheet HTML 2Page - Texas Instruments TPIC44H01DAR Datasheet HTML 3Page - Texas Instruments TPIC44H01DAR Datasheet HTML 4Page - Texas Instruments TPIC44H01DAR Datasheet HTML 5Page - Texas Instruments TPIC44H01DAR Datasheet HTML 6Page - Texas Instruments TPIC44H01DAR Datasheet HTML 7Page - Texas Instruments TPIC44H01DAR Datasheet HTML 8Page - Texas Instruments TPIC44H01DAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
PIN
PIN
I/O
DESCRIPTION
NO.
NAME
I/O
DESCRIPTION
1
CS
I
Chip Select. CS is an active low, logic level input with internal pullup. A logic level low on CS enables the
serial interface and refreshes the fault interrupt (FLT). A high on CS enables the serial register to serve as
the fault data register.
2
SDO
O
Serial Data Output. SDO is a logic level, tri-state output that transfers fault data to the host controller. Serial
input data passes to the next stage for cascade operation. SDO is forced into a high impendance state when
CS terminal is in a high state. When CS is in a low state, data is clocked out on each falling edge of SCLK.
3
SDI
I
Serial Data Input. SDI is a logic level input with hysteresis and internal pulldown. Gate drive output control
data is clocked into the serial register using SDI. A high SDI bit programs a particular gate output on, and a
low turns it off, as long as the parallel input is off (OR function).
4
SCLK
I
Serial Clock. SCLK is a logic level input with hysteresis and internal pulldown. SCLK clocks data at the SDI
terminal into the input serial shift register on each rising edge, and shifts out fault data (and serial input data
for cascaded operation) to the SDO pin on each falling edge.
5
AR_ENBL
I
Auto-Retry Enable. AR_ENBL is a logic level input with hysteresis and internal pulldown. When
AR_ENBL=0, an over-current/short-to-ground fault latches the channel off. When AR_ENBL = 1, an
over-current/short-to-ground fault engages a low duty cycle operation.
6
GND
I
Analog ground and substrate connection
7–10
IN1-4
I
Parallel Inputs. IN1-4 are logic level inputs with hysteresis and internal pulldown. IN1–4 provide real-time
control of gate pre-drive circuitry. A high on IN1-4 will turn on corresponding gate drive outputs (GATE1-4).
Gate output status is a logic OR function of the parallel inputs and the serial input bits.
11
VCC
I
5-V logic supply voltage
12
V(PK_A)
I
Dynamic over-current fault threshold peak voltage that is shared by channels 1 and 2
13
V(PK_B)
I
Dynamic over-current fault threshold peak voltage that is shared by channels 3 and 4
14–17
V(COMP1-4)
I
Fault Reference Voltage. V(COMP1–4) are used to provide an external fault reference voltage for the
over-current fault detection circuitry. It is also used to generate a dynamic threshold when used in conjunction
with V(PK_x). To guarantee V(COMP) stability, a minimum of 100 pF capacitance should be placed from
V(COMP) to ground.
18
RESET
I
Reset. RESET is an active low, logic level input with hysteresis and internal pullup. A low on RESET clears
all registers and fault bits. All gate outputs are turned off and a latched FLT interrupt is cleared.
19
FLT
O
Fault Interrupt. FLT is an active low, logic level, open-drain output providing real-time latched fault interrupts
for fault detection. A latched FLT is cleared only by a low on CS. The FLT terminal can be OR’ed with other
devices for fault interrupt handling. An external pullup is required.
20, 22,
24, 26
SRC1-4
I
FET Source Inputs. These inputs are used for both open-load and over-current fault detection at the source
of the external FETs.
21, 23,
25, 27
GATE1-4
O
Gate Drive Outputs. Output voltage is derived from V(CP) supply voltage. Internal clamps prevent the voltage
on these nodes, with respect to SRC1-4, from exceeding the VGS rating of most FETs.
28
V(CP)
O
Charge pump voltage storage capacitor and supply pin to high-side gate drives
29
CP2
O
Charge pump capacitor terminal
30
CP1
O
Charge pump capacitor terminal
31
V(PWR)
I
Power supply voltage input
32
PGND
I
Power ground for charge pump


Similar Part No. - TPIC44H01DAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44H01DA TI-TPIC44H01DA Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC44H01DAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
UC3725N TI-UC3725N Datasheet
247Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com