Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC0107B Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC0107B
Description  PWM CONTROL INTELLIGENT H-BRIDGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC0107B Datasheet(HTML) 4 Page - Texas Instruments

  TPIC0107B Datasheet HTML 1Page - Texas Instruments TPIC0107B Datasheet HTML 2Page - Texas Instruments TPIC0107B Datasheet HTML 3Page - Texas Instruments TPIC0107B Datasheet HTML 4Page - Texas Instruments TPIC0107B Datasheet HTML 5Page - Texas Instruments TPIC0107B Datasheet HTML 6Page - Texas Instruments TPIC0107B Datasheet HTML 7Page - Texas Instruments TPIC0107B Datasheet HTML 8Page - Texas Instruments TPIC0107B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPIC0107B
PWM CONTROL INTELLIGENT HBRIDGE
SLIS067A − NOVEMBER 1998 − REVISED APRIL 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating case temperature range and VCC = 5 V to
6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LSD
TJ = 25°C
550
m
rDS(on)
Static drain-source on-resistance (per transistor)
LSD
TJ = 150°C
850
m
rDS(on)
Static drain-source on-resistance (per transistor)
I(BR) = 1 A
HSD
TJ = 25°C
600
m
I(BR) = 1 A
HSD
TJ = 150°C
870
m
I(QCD)
Open circuit detection current
10
40
100
mA
V(UVCC(OFF))
Under voltage detection on VCC, switch off voltage
See Note 1
5
V
V(UVCC(ON))
Under voltage detection on VCC, switch on voltage
See Note 1
5.2
V
V(STL)
STATUS low output voltage
IO = 100 µA, See Note 1
0.8
V
V(ST2H)
STATUS2 high output voltage
IO = 20 µA, See Note 1
3
5.4
V
I(ST(OFF))
STATUS output leakage current
V(ST) = 5 V, See Note 1
5
µA
VIL
Low level logic input voltage
−0.3
0.5
V
VIH
High level logic input voltage
3.6
7
V
∆VI
Hysteresis of input voltage
0.3
V
IIH
High level logic input current
VIH = 3.5 V
2
10
50
µA
NOTE 1: The device functions according to the function table for VCC between V(UVCC) and 5 V (no parameters specified). STATUS outputs are
not defined for VCC less than V(UVCC).


Similar Part No. - TPIC0107B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107BDWP TI-TPIC0107BDWP Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

Similar Description - TPIC0107B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0108B TI-TPIC0108B Datasheet
205Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0108B TI1-TPIC0108B_11 Datasheet
295Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
   4ch PWM H-bridge Driver
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
[Old version datasheet]   Dual H-Bridge PWM Gate Driver
logo
Freescale Semiconductor...
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com