Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2101 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPIC2101
Description  DC BRUSH MOTOR CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC2101 Datasheet HTML 6Page - Texas Instruments TPIC2101 Datasheet HTML 7Page - Texas Instruments TPIC2101 Datasheet HTML 8Page - Texas Instruments TPIC2101 Datasheet HTML 9Page - Texas Instruments TPIC2101 Datasheet HTML 10Page - Texas Instruments TPIC2101 Datasheet HTML 11Page - Texas Instruments TPIC2101 Datasheet HTML 12Page - Texas Instruments TPIC2101 Datasheet HTML 13Page - Texas Instruments TPIC2101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TPIC2101
DC BRUSH MOTOR CONTROLLER
SLIS060 – OCTOBER 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics, Vbat = 8 V to 16 V, TA = 25°C
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Vbat = 16 V,
GD open,
f(osc) = 20 kHz,
MAN = AUTO =Vbat
4
10
mA
Ibat
Supply current (average), Vbat
Vbat = 16 V,
GD open,
f(osc) = 20 kHz,
MAN open,
Auto mode,
AUTO – 99% PWMin
2
10
mA
Ib t(Q)
Quiescent current (sleep state) Vbt
Vbat = 13 V,
AUTO and MAN open
150
200
µA
Ibat(Q)
Quiescent current (sleep state), Vbat
Vbat = 13 V,
AUTO shorted to MAN, floating
165
200
µA
V(AREF)
Voltage supply regulation, AREF
I(AREF) = 0 – 2 mA,
MAN = AUTO = Vbat
5.225
5.5
5.775
V
VIO
Input offset voltage, current limit
comparator, ILS, ILR
AUTO or MAN mode,
ILS,
ILR common mode,
Voltage range 0.5 – 2.75 V,
Vint = 4.5 V,
Detect I(int) > 100 µA
10
mV
IIB
Input bias current, current limit comparator,
ILS, ILR†,
ILS,
ILR common mode,
Voltage range 0.5 – 2.75 V
250
nA
IIO
Input offset current, current limit comparator,
ILS, ILR†
ILS,
ILR common mode,
Voltage range 0.5 – 2.75 V
100
nA
IOL(CLS)
Pulldown current, ILS terminal
blanking, ILS
ILS = 100 mV,
GD commanded low
250
360
µA
VIL(AUTO)
Automatic mode low level input
voltage, AUTO
MAN open,
AUTO mode,
Lower VI(AUTO) until VI(SPEED) >2.4V
2.7
3
3.3
V
VIH(AUTO)
Automatic mode high level input
voltage, AUTO
MAN open,
AUTO mode,
Raise VI(AUTO) until VI(SPEED) < 2.4 V
3.6
4
4.4
V
II(AUTO)
Input current, automatic mode, AUTO
MAN open,
Auto mode,
VI(AUTO) = 0 V
–1
–10
mA
II(AUTOQ)
Input current, auto sleep mode, AUTO
MAN open,
Sleep state,
VI(AUTO) = 0 V
–40
–80
µA
VIH(MAN)
High level input voltage, manual mode, MAN
Vbat = 9 V to 16 V,
VIH(MAN) = VIH(AUTO),
Raise V(MAN) until VI(AREF) > 2.5 V
5
5.5
6
V
VIL(MAN)
Low level input voltage, manual mode, MAN
VI(MAN) =VI( AUTO),
Lower VI(MAN) until VI(AREF) < 2.5 V
2.3
2.5
2.7
V
VID(MAN)
Input voltage, manual mode high differential
(high speed command), MAN-AUTO
Vbat = 16 V,
Vbat – 3.5 V < MAN < Vbat
1.7
2.3
V
† Indicates electrical parameter not tested in production.


Similar Part No. - TPIC2101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
TPIC2101D TI-TPIC2101D Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
TPIC2101N TI-TPIC2101N Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
More results

Similar Description - TPIC2101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
[Old version datasheet]   DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
   DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
   DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Unisonic Technologies
UMD9111 UTC-UMD9111 Datasheet
184Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
logo
Unisonic Technologies
UMD9113 UTC-UMD9113 Datasheet
164Kb / 8P
   BRUSH DC MOTOR DRIVE CIRCUIT
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
   Brush type DC motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com