Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2810DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2810DR
Description  8-BIT LED DRIVER WITH 12C INTERFACE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2810DR Datasheet(HTML) 3 Page - Texas Instruments

  TPIC2810DR Datasheet HTML 1Page - Texas Instruments TPIC2810DR Datasheet HTML 2Page - Texas Instruments TPIC2810DR Datasheet HTML 3Page - Texas Instruments TPIC2810DR Datasheet HTML 4Page - Texas Instruments TPIC2810DR Datasheet HTML 5Page - Texas Instruments TPIC2810DR Datasheet HTML 6Page - Texas Instruments TPIC2810DR Datasheet HTML 7Page - Texas Instruments TPIC2810DR Datasheet HTML 8Page - Texas Instruments TPIC2810DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPIC2810
8BIT LED DRIVER WITH I2C INTERFACE
SLIS109A − DECEMBER 2001 − REVISED SEPTEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
A0
9
I
Address input 0
A1
10
I
Address input 1
A2
7
I
Address input 2
DRAIN0
3
DRAIN1
4
DRAIN2
5
DRAIN3
6
O
FET drain outputs. The DRAIN terminals are low-side switches for resistive loads.
DRAIN4
11
O
FET drain outputs. The DRAIN terminals are low-side switches for resistive loads.
DRAIN5
12
DRAIN6
13
DRAIN7
14
G
8
I
Output enable. Active low input enables output FETs when low and disables output FETs when high.
GND
16
O
Ground
SCL
15
I
Serial clock
SDA
2
I/O
Open drain, bidirectional serial data terminal
VCC
1
I
Supply voltage input
schematic of inputs and outputs
Equivalent of Each Input
VCC
GND
Input
7 V
RC Filter is Not Present On A0, A1, and A2 Inputs
Typical of All Drain Outputs
Drain
GND
6.5 V
42 V


Similar Part No. - TPIC2810DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
More results

Similar Description - TPIC2810DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
Exar Corporation
XRP6840 EXAR-XRP6840_10 Datasheet
116Kb / 2P
   4.3A Super Capacitor Flash LED Driver with 12C
logo
ELMOS Semiconductor AG
E522.46 ELMOS-E522.46 Datasheet
308Kb / 2P
   8 Channel LED Driver with I짼C Interface
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
   8-BIT DAC VCM Driver with I2C Interface
logo
Texas Instruments
TLC59731 TI-TLC59731 Datasheet
428Kb / 24P
[Old version datasheet]   3-Channel, 8-Bit, PWM LED Driver with Single-Wire Interface (EasySet)
logo
SamHop Microelectronics...
SM6B595 SAMHOP-SM6B595 Datasheet
149Kb / 9P
   8-BIT LED DRIVER
logo
ams AG
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
   Constant-Current, 8-Bit LED Driver with Diagnostics
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
   Constant-Current, 8-Bit LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com