Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR404D Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZR404D
Description  PRECISION 2.45 VOLT VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR404D Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZR404D Datasheet HTML 1Page - Zetex Semiconductors ZR404D Datasheet HTML 2Page - Zetex Semiconductors ZR404D Datasheet HTML 3Page - Zetex Semiconductors ZR404D Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING
Reverse Current
200mA
Forward Current
25mA
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 125°C
Power Dissipation (Tamb=25°C)
E-Line, 2 pin (TO92)
500mW
SO8
625mW
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated) Tamb=25°C
SYMBOL PARAMETER
CONDITIONS
LIMITS
TOL.
%
UNITS
MIN
TYP MAX
VR
Reverse Breakdown Voltage
I
R=5mA
2.38
2.45 2.52
3
V
IMIN
Minimum Operating Current
2
mA
IR
Recommended Operating
Current
2
120
mA
TC
Average Reverse Breakdown
Voltage Temp. Co.
IR(min) to
IR(max)
15
50
ppm/°C
RS §
Slope Resistance
0.26 0.5
ZR
Reverse Dynamic Impedance
IR =5mA
f = 100Hz
IAC=0.1 IR
0.28 1
EN
Wideband Noise Voltage
IR= 5mA
f = 10Hz to
10kHz
65
µV(rms)
ZR404
TC =
(VR(max)−VR(min)) x 1000000
VR x (T(max)−T(min))
Note: VR(max) - VR(min) is the maximum
deviation in reference voltage measured
over the full operating temperature
range.
§
RS =
VR Change(IR (min) to IR (max))
IR (max) − IR (min)
4-170


Similar Part No. - ZR404D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR404D DIODES-ZR404D Datasheet
64Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
More results

Similar Description - ZR404D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR458 ZETEX-ZR458 Datasheet
52Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR458 DIODES-ZR458 Datasheet
63Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR404 DIODES-ZR404 Datasheet
64Kb / 4P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA245 ZETEX-ZRA245_06 Datasheet
180Kb / 5P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZRA245 ZETEX-ZRA245 Datasheet
69Kb / 5P
   PRECISION 2.45 VOLT VOLTAGE REFERENCE
ZR4040-41 ZETEX-ZR4040-41 Datasheet
63Kb / 4P
   PRECISION 4.1 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA400 DIODES-ZRA400 Datasheet
171Kb / 5P
   PRECISION 4.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com