Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFM15PL Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # UFM15PL
Description  ULTRA FAST RECOVERY SILICON RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UFM15PL Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  UFM15PL Datasheet HTML 1Page - SUNMATE electronic Co., LTD UFM15PL Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UFM13PL
UFM11PL- UFM17PL
100
35
50.0
10.0
30.0
1.0
UFM17PL
UFM16PL
UFM15PL
UFM14PL
UFM12PL
UFM11PL
UK
UM
UG
UD
UA
UB
CURRENT: 1.0A
U1J
50
75
1.7
1.4
1.0
plastic body over passivated junction
VOLTAGE RANGE: 50 - 1000V
Method 2026
: Color band denotes cathode end
: Any
:0.0007 ounce, 0.02 grams
Glass passivated device
Ideal for surface mouted applications
Metallurgically bonded construction
High temperature soldering guaranteed:
250 C/10 seconds,0.375
”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Low reverse leakage
Case
Terminals
Polarity
Mounting Position
Weight
: JEDEC SOD-123FL molded
: Plated axial leads,
solderable per MIL-STD-750,
Features
Mechanical Data
!
!
!
!
!
!
!
!
!
!
!
!
A
µ
C
ns
700
1000
VRRM
VRMS
VDC
I(AV)
IFSM
VF
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=65 C (NOTE 1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
TL=25 C
Maximum reverse recovery time (NOTE 2)
Operating junction and storage temperature range TJ,TSTG
-50 to +150
trr
70
100
280
400
140
200
420
600
560
800
35
50
50
100
200
400
600
800
1000
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Note:
180
K/W
3.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Averaged over any 20ms period.
2.Measured with IF=0.5A, IR=1A, Irr=0.25A.
4.Thermal resistance junction to ambient, 6.0 mm2 coppeer pads to each terminal.
Typical thermal resistance (NOTE 4)
R
θJA
Characteristic
Symbol
Unit
Marking
V
V
V
V
A
A
3.58 3.72
0.55
0.57
0.53
0.15
0.17
0.13
E
D
1.00
1.03
0.097
1.05
1.08
1.02
1
1.80
1.83
1.77
2.75
2.78
2.72
A
3.65
3
SOD-123FL
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
A
E
L
B
C
E
H
D
1 of 2
www.sunmate.tw
ULTRA FAST RECOVERY SILICON RECTIFIER DIODES


Similar Part No. - UFM15PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UFM15PL MCC-UFM15PL Datasheet
249Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM15PL MCC-UFM15PL Datasheet
303Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM15PL MCC-UFM15PL Datasheet
304Kb / 4P
   1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Nanjing International G...
UFM15PL DGNJDZ-UFM15PL Datasheet
962Kb / 3P
   1 Amp Ultra Fast Recovery
logo
Texas Instruments
UFM15PL-TP TI1-UFM15PL-TP Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
More results

Similar Description - UFM15PL

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
STPR520D STMICROELECTRONICS-STPR520D Datasheet
75Kb / 6P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
October 1999 - Ed: 2B
logo
List of Unclassifed Man...
MP3-306 ETC1-MP3-306 Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com