Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL5111 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPL5111
Description  TPL5111 Nano-Power System Timer for Power Gating
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5111 Datasheet(HTML) 4 Page - Texas Instruments

  TPL5111_16 Datasheet HTML 1Page - Texas Instruments TPL5111_16 Datasheet HTML 2Page - Texas Instruments TPL5111_16 Datasheet HTML 3Page - Texas Instruments TPL5111_16 Datasheet HTML 4Page - Texas Instruments TPL5111_16 Datasheet HTML 5Page - Texas Instruments TPL5111_16 Datasheet HTML 6Page - Texas Instruments TPL5111_16 Datasheet HTML 7Page - Texas Instruments TPL5111_16 Datasheet HTML 8Page - Texas Instruments TPL5111_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPL5111
SNAS659A – JUNE 2015 – REVISED JULY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply Voltage (VDD-GND)
-0.3
6.0
V
Input Voltage at any pin(2)
-0.3
VDD + 0.3
V
Input Current on any pin
-5
5
mA
Storage Temperature, Tstg
-65
150
°C
Junction Temperature, TJ
(3)
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The voltage between any two pins should not exceed 6V.
(3)
The maximum power dissipation is a function of TJ(MAX), RθJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is PDMAX = (TJ(MAX) - TA)/ RθJA. All numbers apply for packages soldered directly onto a PC
board.
6.2 ESD Ratings
VALUE
UNIT
Human Body Model, per ANSI/ESDA/JEDEC JS-001(1)
±1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Ratings
MIN
MAX
UNIT
Supply Voltage (VDD-GND)
1.8
5.5
V
Temperature
-40
105
°C
6.4 Thermal Information
TPL5111
THERMAL METRIC(1)
SOT23
UNIT
DDC 6 PINS
RθJA
Junction-to-ambient thermal resistance
163
RθJC(top)
Junction-to-case (top) thermal resistance
26
RθJB
Junction-to-board thermal resistance
57
°C/W
ψJT
Junction-to-top characterization parameter
7.5
ψJB
Junction-to-board characterization parameter
57
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPL5111


Similar Part No. - TPL5111_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5111EVM TI-TPL5111EVM Datasheet
1Mb / 21P
[Old version datasheet]   TPL5111EVM User s Guide
More results

Similar Description - TPL5111_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5110 TI1-TPL5110_16 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
   System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com