Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL5111 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5111
Description  TPL5111 Nano-Power System Timer for Power Gating
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5111 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPL5111 Datasheet HTML 5Page - Texas Instruments TPL5111 Datasheet HTML 6Page - Texas Instruments TPL5111 Datasheet HTML 7Page - Texas Instruments TPL5111 Datasheet HTML 8Page - Texas Instruments TPL5111 Datasheet HTML 9Page - Texas Instruments TPL5111 Datasheet HTML 10Page - Texas Instruments TPL5111 Datasheet HTML 11Page - Texas Instruments TPL5111 Datasheet HTML 12Page - Texas Instruments TPL5111 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DRV
DONE
EN/
ONE_SHOT
DELAY/
M_DRV
ttIPt
POR
RESISTANCE
READING
DRVn
DONE
EN/
ONE_SHOT
DELAY/
M_DRV
ttIPt
POR
RESISTANCE
READING
ttIPt
tDRVn
MISSED
DONE
FORCED
DRVn FALLING
TPL5111
www.ti.com
SNAS659A – JUNE 2015 – REVISED JULY 2015
7.4 Device Functional Modes
7.4.1 Startup
During startup, after POR, the TPL5111 executes a one-time measurement of the resistance attached to the
DELAY/M_DRV pin in order to determine the desired time interval for DRVn. This measurement interval is tR_EXT.
During this measurement a constant current is temporarily flowing into REXT.
Once the reading of the external resistance is completed the TPL5111 enters automatically in one of the 2
modes according to the EN/ONE_SHOT value. The EN/ONE_SHOT pin must be hard wired to GND or VDD
according to the required mode of operation.
Figure 8. Startup - Timer Mode
7.4.2 Timer Mode
During timer mode (EN/ONE_SHOT = HIGH), the TPL5111 asserts periodic DRVn pulses according to the
programmed time interval. The length of the DRVn pulses is set by the receiving of a DONE pulse from the uC.
See Figure 8.
7.4.3 One Shot Mode
During One shot mode (EN/ONE_SHOT = LOW), the TPL5111 generates just one pulse at the DRVn pin which
lasts according to the programmed time interval. In one-shot mode, other DRVn pulses can be triggered using
the DELAY/M_DRV pin. If a valid manual power ON occurs when EN/ONE_SHOT is LOW, the TPL5111
generates just one pulse at the DRVn pin. The duration of the pulse is set by the programmed time interval. Also
in this case, if a DONE signal is received within the programmed time interval (minus 50 ms), the DRVn output is
asserted LOW. See Figure 9 and Figure 10.
Figure 9. Startup One Shot Mode, (DONE Received within tIP)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPL5111


Similar Part No. - TPL5111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5111EVM TI-TPL5111EVM Datasheet
1Mb / 21P
[Old version datasheet]   TPL5111EVM User s Guide
More results

Similar Description - TPL5111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5110 TI1-TPL5110_16 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer for Power Gating
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Rohm
BD39040MUF-C ROHM-BD39040MUF-C Datasheet
2Mb / 29P
   System Power Good Watchdog Timer Reset for Automotive
15.Feb.2019 Rev.001
logo
Texas Instruments
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com