Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC6595 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6595
Description  POWER LOGIC 8-BIT SHIFT REGISTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6595 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC6595 Datasheet HTML 1Page - Texas Instruments TPIC6595 Datasheet HTML 2Page - Texas Instruments TPIC6595 Datasheet HTML 3Page - Texas Instruments TPIC6595 Datasheet HTML 4Page - Texas Instruments TPIC6595 Datasheet HTML 5Page - Texas Instruments TPIC6595 Datasheet HTML 6Page - Texas Instruments TPIC6595 Datasheet HTML 7Page - Texas Instruments TPIC6595 Datasheet HTML 8Page - Texas Instruments TPIC6595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TPIC6595
POWER LOGIC 8BIT SHIFT REGISTER
SLIS010B − APRIL 1992 − REVISED MAY 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions over recommended operating temperature range (unless
otherwise noted)
MIN
MAX
UNIT
Logic supply voltage, VCC
4.5
5.5
V
High-level input voltage, VIH
0.85 VCC
V
Low-level input voltage, VIL
0.15 VCC
V
Pulsed drain output current, TC = 25°C, VCC = 5 V (see Notes 3 and 5)
− 1.8
1.5
A
Setup time, SER IN high before SRCK
↑, tsu (see Figure 2)
10
ns
Hold time, SER IN high after SRCK
↑, th (see Figure 2)
10
ns
Pulse duration, tw (see Figure 2)
20
ns
Operating case temperature, TC
−40
125
°C
electrical characteristics, VCC = 5 V, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX Drain-source breakdown voltage
ID = 1 mA
45
V
VSD
Source-drain diode forward voltage
IF = 250 mA,
See Note 3
0.85
1
V
VOH
High-level output voltage,
IOH = − 20 mA, VCC = 4.5 V
4.4
4.49
V
VOH
High-level output voltage,
SER OUT
IOH = − 4 mA, VCC = 4.5 V
4.1
4.3
V
VOL
Low-level output voltage, SER
IOH = 20 mA, VCC = 4.5 V
0.002
0.1
V
VOL
Low-level output voltage, SER
OUT
IOH = 4 mA,
VCC = 4.5 V
0.2
0.4
V
V(hys)
Input hysteresis
VDS = 15 V
1.3
V
IIH
High-level input current
VCC = 5.5 V,
VI = VCC
1
µA
IIL
Low-level input current
VCC = 5.5 V,
VI = 0
−1
µA
ICCL
Logic supply current
IO = 0,
All inputs low
15
100
µA
ICC(FRQ)
Logic supply current frequency
fSRCK = 5 MHz, IO = 0,
CL = 30 pF,
See Figures 1, 2, and 6
0.6
5
mA
IN
Nominal current
VDS(on) = 0.5 V,
IN = ID,TC = 85°C
See Notes 5, 6, and 7
250
mA
IDSX
Off-state drain current
VDS = 40 V
0.05
1
A
IDSX
Off-state drain current
VDS = 40 V,
TC = 125°C
0.15
5
µA
ID = 250 mA,
VCC = 4.5 V
1.3
2
rDS(on)
Static drain-source on-state
resistance
ID = 250 mA,
TC = 125°C,
VCC = 4.5 V
See Notes 5 and 6
and Figures 9 and 10
2
3.2
resistance
ID = 500 mA,
VCC = 4.5 V
and Figures 9 and 10
1.3
2
switching characteristics, VCC = 5 V, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from G
650
ns
tPHL
Propagation delay time, high-to-low-level output from G
CL = 30 pF,
ID = 250 mA,
150
ns
tr
Rise time, drain output
CL = 30 pF,
ID = 250 mA,
See Figures 1 and 2
750
ns
tf
Fall time, drain output
See Figures 1 and 2
425
ns
ta
Reverse-recovery-current rise time
IF = 250 mA,
di/dt = 20 A/
µs,
100
ns
trr
Reverse-recovery time
IF = 250 mA,
di/dt = 20 A/
µs,
See Notes 5 and 6 and Figure 3
300
ns
NOTES:
3. Pulse duration
≤ 100 µs, duty cycle ≤ 2%
5. Technique should limit TJ − TC to 10°C maximum.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
7. Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a
voltage drop of 0.5 V at TC = 85°C.


Similar Part No. - TPIC6595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6595 TI-TPIC6595 Datasheet
139Kb / 9P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595DW TI-TPIC6595DW Datasheet
139Kb / 9P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595N TI-TPIC6595N Datasheet
139Kb / 9P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Similar Description - TPIC6595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com