Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL7407LPW Datasheet(PDF) 4 Page - Texas Instruments

Part # TPL7407LPW
Description  TPL7407L 40-V 7-Channel Low Side Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LPW Datasheet(HTML) 4 Page - Texas Instruments

  TPL7407LPW Datasheet HTML 1Page - Texas Instruments TPL7407LPW Datasheet HTML 2Page - Texas Instruments TPL7407LPW Datasheet HTML 3Page - Texas Instruments TPL7407LPW Datasheet HTML 4Page - Texas Instruments TPL7407LPW Datasheet HTML 5Page - Texas Instruments TPL7407LPW Datasheet HTML 6Page - Texas Instruments TPL7407LPW Datasheet HTML 7Page - Texas Instruments TPL7407LPW Datasheet HTML 8Page - Texas Instruments TPL7407LPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
TPL7407L
SLRS066D – JANUARY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPL7407L
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
6.3 Recommended Operating Conditions
Over operating temperature range
MIN
MAX
UNIT
VOUT
OUT1 – OUT7 pin voltage for recommended operation
0
40
V
VCOM
COM pin voltage range for full output drive
8.5
40
V
VIL
IN1- IN7 input low voltage ("Off" high impedance output)
0.9
V
VIH
IN1- IN7 input high voltage ("Full Drive" low impedance output)
1.5
V
TJ
Operating virtual junction temperature
–40
125
°C
IDS
Continuous drain current
0
500
mA
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
TPL7407L
UNIT
SOIC (D)
TSSOP (PW)
16 PINS
16 PINS
θJA
Junction-to-ambient thermal resistance
91.9
115.2
°C/W
θJCtop
Junction-to-case (top) thermal resistance
50.1
49.5
°C/W
θJB
Junction-to-board thermal resistance
49.4
60.8
°C/W
ψJT
Junction-to-top characterization parameter
18.6
8.5
°C/W
ψJB
Junction-to-board characterization parameter
49.1
60.2
°C/W
6.5 Electrical Characteristics
TJ= –40°C to 125°C; Typical Values at TA=TJ= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL (VDS)
OUT1- OUT7 low-level output
voltage
VIN ≥ 1.5 V
ID = 100 mA
200
320
mV
ID = 200 mA
420
650
IOUT(OFF) (IDS_OFF) OUT1- OUT7 OFF-state leakage
current
VOUT = 24 V,
VIN ≤ 1.0 V
10
500
nA
VF
Clamp forward voltage
IF = 200 mA
1.4
V
IIN(off)
IN1- IN7 Off-state input current
VINX= 0 V
VOUT = 40 V
500
nA
IIN(ON)
IN1- IN7 ON state input current
VINX=1.5 V - 5.0
V
10
μA
ICOM
Static current flowing through COM
pin
VCOM = 8.5 V - 40 V
15
25
μA


Similar Part No. - TPL7407LPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LAD TI1-TPL7407LAD Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
More results

Similar Description - TPL7407LPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407L TI-TPL7407L_15 Datasheet
844Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
998Kb / 22P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA_18 Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
   4 channel low-side driver
Rev. 1.2, May 2014
logo
Texas Instruments
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
[Old version datasheet]   12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
[Old version datasheet]   DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
TPS929121-Q1 TI-TPS929121-Q1 Datasheet
7Mb / 166P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
TPS929121-Q1 TI-TPS929121-Q1_V01 Datasheet
8Mb / 168P
[Old version datasheet]   TPS929121-Q1 12-Channel Automotive 40-V High-Side LED Driver With FlexWire
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G Datasheet
556Kb / 30P
   SPIDER - 4 channel low side driver
Rev. 1.0, February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com