Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2044D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2044D
Description  QUAD POWER-DISTRIBUTION SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2044D Datasheet(HTML) 1 Page - Texas Instruments

  TPS2044D Datasheet HTML 1Page - Texas Instruments TPS2044D Datasheet HTML 2Page - Texas Instruments TPS2044D Datasheet HTML 3Page - Texas Instruments TPS2044D Datasheet HTML 4Page - Texas Instruments TPS2044D Datasheet HTML 5Page - Texas Instruments TPS2044D Datasheet HTML 6Page - Texas Instruments TPS2044D Datasheet HTML 7Page - Texas Instruments TPS2044D Datasheet HTML 8Page - Texas Instruments TPS2044D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS2044, TPS2054
QUAD POWER-DISTRIBUTION SWITCHES
SLVS174B – JULY 1998 – REVISED FEBRUARY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 135-mΩ -Maximum (5-V Input) High-Side
MOSFET Switch
D 500 mA Continuous Current per Channel
D Short-Circuit and Thermal Protection With
Overcurrent Logic Output
D Operating Range... 2.7-V to 5.5-V
D Logic-Level Enable Input
D 2.5-ms Typical Rise Time
D Undervoltage Lockout
D 20-µA-Maximum Standby Supply Current
D Bidirectional Switch
D 16-pin SOIC Package
D Ambient Temperature Range, –40°C to 85°C
D 2-kV Human-Body-Model, 200-V
Machine-Model ESD Protection
D UL Listed – File No. E169910
description
The TPS2044 and TPS2054 quad power-
distribution switches are intended for applications
where heavy capacitive loads and short circuits
are likely to be encountered. The TPS2044 and the TPS2054 incorporate in single packages four 135-m
N-channel MOSFET high-side power switches for power-distribution systems that require multiple power
switches. Each switch is controlled by a logic enable that is compatible with 5-V logic and 3-V logic. Gate drive
is provided by an internal charge pump that controls the power-switch rise times and fall times to minimize
current surges during switching. The charge pump, requiring no external components, allows operation from
supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS2044 and TPS2054 limit
the output current to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic
output low. When continuous heavy overloads and short circuits increase the power dissipation in the switch
causing the junction temperature to rise, a thermal protection circuit shuts off the switch to prevent damage.
Recovery from a thermal shutdown is automatic once the device has cooled sufficiently. Internal circuitry
ensures the switch remains off until valid input voltage is present.
The TPS2044 and TPS2054 are designed to limit at 0.9-A load. These power-distribution switches are available
in 16-pin small-outline integrated-circuit (SOIC) packages and operate over an ambient temperature range of
–40
°C to 85°C.
AVAILABLE OPTIONS
RECOMMENDED
MAXIMUM CONTINUOUS
TYPICAL SHORT-CIRCUIT
PACKAGED DEVICES
TA
ENABLE
MAXIMUM CONTINUOUS
LOAD CURRENT
(A)
CURRENT LIMIT AT 25
°C
(A)
SOIC
(D)†
–40
°C to 85°C
Active low
0.5
0.9
TPS2044D
–40
°C to 85°C
Active high
0.5
0.9
TPS2054D
† The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2044DR)
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND1
IN1
EN1
EN2
GND2
IN2
EN3
EN4
OC1
OUT1
OUT2
OC2
OC3
OUT3
OUT4
OC4
TPS2044
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND1
IN1
EN1
EN2
GND2
IN2
EN3
EN4
OC1
OUT1
OUT2
OC2
OC3
OUT3
OUT4
OC4
TPS2054
D PACKAGE
(TOP VIEW)


Similar Part No. - TPS2044D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2044D TI-TPS2044D Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2044D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2090 TI-TPS2090 Datasheet
314Kb / 19P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com