Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2054D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2054D
Description  QUAD POWER-DISTRIBUTION SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2054D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2054D Datasheet HTML 3Page - Texas Instruments TPS2054D Datasheet HTML 4Page - Texas Instruments TPS2054D Datasheet HTML 5Page - Texas Instruments TPS2054D Datasheet HTML 6Page - Texas Instruments TPS2054D Datasheet HTML 7Page - Texas Instruments TPS2054D Datasheet HTML 8Page - Texas Instruments TPS2054D Datasheet HTML 9Page - Texas Instruments TPS2054D Datasheet HTML 10Page - Texas Instruments TPS2054D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPS2044, TPS2054
QUAD POWER-DISTRIBUTION SWITCHES
SLVS174B – JULY 1998 – REVISED FEBRUARY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(ENx) = 0 V, VI(ENx) = Hi (unless otherwise noted) (continued)
supply current
PARAMETER
TEST CONDITIONS
TPS2044
TPS2054
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Supply
TJ = 25°C
TPS2044
0.03
2
Su
ly
current,
No Load
VI(ENx) = VI(INx) –40°C ≤ TJ ≤ 125°C
TPS2044
20
µA
,
low-level
tt
on OUTx
VI(EN ) =0V
TJ = 25°C
TPS2054
0.03
2
µA
output
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
TPS2054
20
Supply
V
0V
TJ = 25°C
TPS2044
160
200
Su
ly
current,
No Load
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
TPS2044
200
µA
,
high-level
tt
on OUTx
VI(EN ) =VI(IN )
TJ = 25°C
TPS2054
160
200
µA
output
VI(ENx) = VI(INx)
–40
°C ≤ TJ ≤ 125°C
TPS2054
200
Leakage
OUTx
connected
VI(ENx) = VI(INx) –40°C ≤ TJ ≤ 125°C TPS2044
200
µA
g
current
connected
to ground
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C TPS2054
200
µA
Reverse
leakage
IN = high
VI(EN) = 0 V
TJ =25°C
TPS2044
0.3
µA
leakage
current
g
impedance
VI(EN) = Hi
TJ = 25°C
TPS2054
0.3
µA
undervoltage lockout
PARAMETER
TEST CONDITIONS
TPS2044
TPS2054
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Low-level input voltage
2
2.5
2
2.5
V
Hysteresis
TJ = 25°C
100
100
mV
overcurrent OCx
PARAMETER
TEST CONDITIONS
TPS2044
TPS2054
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Sink current†
VO = 5 V
10
10
mA
Output low voltage
IO = 5 mA, VOL(OCx)
0.5
0.5
V
Off-state current†
VO = 5 V,
VO = 3.3 V
1
1
µA
† Specified by design, not production tested.


Similar Part No. - TPS2054D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2054D TI-TPS2054D Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2054D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2090 TI-TPS2090 Datasheet
314Kb / 19P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com