Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA121KM3 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA121KM3
Description  OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA121KM3 Datasheet(HTML) 2 Page - Texas Instruments

  OPA121KM3 Datasheet HTML 1Page - Texas Instruments OPA121KM3 Datasheet HTML 2Page - Texas Instruments OPA121KM3 Datasheet HTML 3Page - Texas Instruments OPA121KM3 Datasheet HTML 4Page - Texas Instruments OPA121KM3 Datasheet HTML 5Page - Texas Instruments OPA121KM3 Datasheet HTML 6Page - Texas Instruments OPA121KM3 Datasheet HTML 7Page - Texas Instruments OPA121KM3 Datasheet HTML 8Page - Texas Instruments OPA121KM3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
®
OPA121
2
NOTES: (1) Sample tested. (2) Offset voltage, offset current, and bias current are specified with the units fully warmed up. (3) Overload recovery is defined as
the time required for the output to return from saturation to linear operation following the removal of a 50% input overdrive. (4) 100
°C/W for KU grade.
SPECIFICATIONS
ELECTRICAL
At VCC = ±15VDC and TA = +25°C unless otherwise noted. Pin 8 connected to ground.
OPA121KM
OPA121KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
NOISE
Voltage, fO = 10Hz
(1)
40
50
nV/
√Hz
fO = 100Hz
(1)
15
18
nV/
√Hz
fO = 1kHz
(1)
8
10
nV/
√Hz
fO = 10kHz
(1)
6
7
nV/
√Hz
fB = 10Hz to 10kHz
(1)
0.7
0.8
µVrms
fB = 0.1Hz to 10 Hz
(1)
1.6
2
µVp-p
Current, fB = 0.1Hz to 10Hz
(1)
15
21
fA, p-p
fO = 0.1Hz thru 20kHz
(1)
0.8
1.1
fA/
√Hz
OFFSET VOLTAGE(2)
Input Offset Voltage
VCM = 0VDC
±0.5
±2
±0.5
±3mV
Average Drift
TA = TMIN to TMAX
±3
±10
±3
±10
µV/°C
Supply Rejection
86
104
86
104
dB
±6
±50
±6
±50
µV/V
BIAS CURRENT(2)
Input Bias Current
VCM = 0VDC
±1
±5
±1
±10
pA
Device Operating
OFFSET CURRENT(2)
Input Offset Current
VCM = 0VDC
±0.7
±4
±0.7
±8pA
Device Operating
IMPEDANCE
Differential
1013 || 1
1013 || 1
Ω || pF
Common-Mode
1014 || 3
1014 || 3
Ω || pF
VOLTAGE RANGE
Common-Mode Input Range
±10
±11
±10
±11
V
Common-Mode Rejection
VIN = ±10VDC
86
104
82
100
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
110
120
106
114
dB
FREQUENCY RESPONSE
Unity Gain, Small Signal
2
2
MHz
Full Power Response
20Vp-p, RL = 2kΩ
32
32
kHz
Slew Rate
VO = ±10V, RL = 2kΩ
22
V/
µs
Settling Time, 0.1%
Gain = –1, RL = 2kΩ
66
µs
0.01%
10V Step
10
10
µs
Overload Recovery,
50% Overdrive(3)
Gain = –1
5
5
µs
RATED OUTPUT
Voltage Output
RL = 2kΩ±11
±12
±11
±12
V
Current Output
VO = ±10VDC
±5.5
±10
±5.5
±10
mA
Output Resistance
DC, Open Loop
100
100
Load Capacitance Stability
Gain = +1
1000
1000
pF
Short Circuit Current
10
40
10
40
mA
POWER SUPPLY
Rated Voltage
±15
±15
VDC
Voltage Range,
Derated Performance
±5
±18
±5
±18
VDC
Current, Quiescent
IO = 0mADC
2.5
4
2.5
4.5
mA
TEMPERATURE RANGE
Specification
Ambient Temperature
0
+70
0
+70
°C
Operating
Ambient Temperature
–40
+85
–25
+85
°C
Storage
Ambient Temperature
–65
+150
–55
+125
°C
θ Junction-Ambient
200
150(4)
°C/W
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - OPA121KM3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA121KM BURR-BROWN-OPA121KM Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA121KM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com