Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA121KP4 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA121KP4
Description  OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA121KP4 Datasheet(HTML) 3 Page - Texas Instruments

  OPA121KP4 Datasheet HTML 1Page - Texas Instruments OPA121KP4 Datasheet HTML 2Page - Texas Instruments OPA121KP4 Datasheet HTML 3Page - Texas Instruments OPA121KP4 Datasheet HTML 4Page - Texas Instruments OPA121KP4 Datasheet HTML 5Page - Texas Instruments OPA121KP4 Datasheet HTML 6Page - Texas Instruments OPA121KP4 Datasheet HTML 7Page - Texas Instruments OPA121KP4 Datasheet HTML 8Page - Texas Instruments OPA121KP4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
®
OPA121
3
ELECTRICAL (FULL TEMPERATURE RANGE SPECIFICATIONS)
At VCC = ±15VDC and TA = TMIN to TMAX unless otherwise noted.
OPA121KM
OPA121KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TEMPERATURE RANGE
Specification Range
Ambient Temperature
0
+70
0
+70
°C
INPUT
OFFSET VOLTAGE(1)
Input Offset Voltage
VCM = 0VDC
±1
±3
±1
±5mV
Average Drift
±3
±10
±3
±10
µV/°C
Supply Rejection
82
94
82
94
dB
±20
±80
±20
±80
µV/V
BIAS CURRENT(1)
Input Bias Current
VCM = 0VDC
±23
±115
±23
±250
pA
Device Operating
OFFSET CURRENT(1)
Input Offset Current
VCM = 0VDC
±16
±100
±16
±200
pA
Device Operating
VOLTAGE RANGE
Common-Mode Input Range
±10
±11
±10
±11
V
Common-Mode Rejection
VIN = ±10VDC
82
98
80
96
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
106
116
100
110
dB
RATED OUTPUT
Voltage Output
RL = 2kΩ±10.5
±11
±10.5
±11
V
Current Output
VO = ±10VDC
±5.25
±10
±5.25
±10
mA
Short Circuit Current
VO = 0VDC
10
40
10
40
mA
POWER SUPPLY
Current, Quiescent
IO = 0mADC
2.5
4.5
2.5
5
mA
NOTE: (1) Offset voltage, offset current, and bias current are measured with the units fully warmed up.
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
OPA121KM
TO-99
001
OPA121KP
8-Pin Plastic DIP
006
OPA121KU
8-Pin SOIC
182
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
CONNECTION DIAGRAMS
Top View
M-Package TO-99 (Hermetic)
Top View
P-Package Plastic Mini-DIP
U-Package Plastic SOIC
8
1
2
7
6
5
3
4
Offset
Trim
Offset
Trim
Output
+V
CC
Substrate and Case
–In
+In
OPA121
–V
CC
OPA121
1
2
3
4
5
6
7
8
Offset Trim
+V
CC
–In
+In
–V
CC
Output
Offset Trim
Substrate
TEMPERATURE
MODEL
PACKAGE
RANGE
OPA121KM
TO-99
0
°C to +70°C
OPA121KP
8-Pin Plastic DIP
0
°C to +70°C
OPA121KU
8-Pin SOIC
0
°C to +70°C
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Supply ...........................................................................................
±18VDC
Internal Power Dissipation(1) ......................................................... 500mW
Differential Input Voltage ...............................................................
±36VDC
Input Voltage Range .....................................................................
±18VDC
Storage Temperature Range
M package .................................................................... –65
°C to +150°C
P, U packages ............................................................... –55
°C to +125°C
Operating Temperature Range
M package ...................................................................... –40
°C to +85°C
P, U packages ................................................................. –25
°C to +85°C
Lead Temperature
M, P packages (soldering, 10s) ................................................... +300
°C
U package (soldering, 3s) ........................................................... +260
°C
Output Short-Circuit Duration(2) ............................................... Continuous
Junction Temperature .................................................................... +175
°C
NOTES: (1) Packages must be derated based on
θ
JA
= 150
°C/W
(P package);
θ
JA = 200°C/W (M package); θJA = 100°C/W (U package).
(2) Short circuit may be to power supply common only. Rating applies to
+25
°C ambient. Observe dissipation limit and T
J.


Similar Part No. - OPA121KP4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA121KP BURR-BROWN-OPA121KP Datasheet
91Kb / 6P
   Low Cost Precision Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA121KP4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com