Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA322S Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA322S
Description  CMOS Operational Amplifier with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA322S Datasheet(HTML) 5 Page - Texas Instruments

  OPA322S Datasheet HTML 1Page - Texas Instruments OPA322S Datasheet HTML 2Page - Texas Instruments OPA322S Datasheet HTML 3Page - Texas Instruments OPA322S Datasheet HTML 4Page - Texas Instruments OPA322S Datasheet HTML 5Page - Texas Instruments OPA322S Datasheet HTML 6Page - Texas Instruments OPA322S Datasheet HTML 7Page - Texas Instruments OPA322S Datasheet HTML 8Page - Texas Instruments OPA322S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
OPA322, OPA322S
OPA2322, OPA2322S
OPA4322, OPA4322S
www.ti.com
SBOS538E – JANUARY 2011 – REVISED JUNE 2012
THERMAL INFORMATION: OPA322
OPA322
OPA322S
THERMAL METRIC(1)
DBV
DBV
UNITS
5 PINS
6 PINS
θJA
Junction-to-ambient thermal resistance
219.3
177.5
θJC(top)
Junction-to-case(top) thermal resistance
107.5
108.9
θJB
Junction-to-board thermal resistance
57.5
27.4
°C/W
ψJT
Junction-to-top characterization parameter
7.4
13.3
ψJB
Junction-to-board characterization parameter
56.9
26.9
θJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL INFORMATION: OPA2322
OPA2322
OPA2322S
THERMAL METRIC(1)
D
DRG
DGK
DGS
8 PINS
8 PINS
8 PINS
10 PINS
UNITS
θJA
Junction-to-ambient thermal resistance
122.6
50.6
174.8
171.5
θJC(top)
Junction-to-case(top) thermal resistance
67.1
54.9
43.9
43.0
θJB
Junction-to-board thermal resistance
64.0
25.2
95.0
91.4
°C/W
ψJT
Junction-to-top characterization parameter
13.2
0.6
2.0
1.9
ψJB
Junction-to-board characterization parameter
63.4
25.3
93.5
89.9
θJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
5.7
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL INFORMATION: OPA4322
OPA4322
OPA4322S
THERMAL METRIC(1)
PW
PW
14 PINS
16 PINS
UNITS
θJA
Junction-to-ambient thermal resistance
109.8
105.9
θJC(top)
Junction-to-case(top) thermal resistance
34.9
28.1
θJB
Junction-to-board thermal resistance
52.5
51.1
°C/W
ψJT
Junction-to-top characterization parameter
2.2
0.8
ψJB
Junction-to-board characterization parameter
51.8
50.4
θJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA322 OPA322S OPA2322 OPA2322S OPA4322 OPA4322S


Similar Part No. - OPA322S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322S TI1-OPA322S Datasheet
1Mb / 34P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA322S TI1-OPA322S Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA322S-Q1 TI1-OPA322S-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA322S-Q1 TI1-OPA322S-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA322SAIDBVR TI1-OPA322SAIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
More results

Similar Description - OPA322S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355UA TI-OPA355UA Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355NA TI-OPA355NA Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI1-OPA355_15 Datasheet
1Mb / 27P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
[Old version datasheet]   200-MHz CMOS Operational Amplifier With Shutdown
logo
SG Micro Corp
SGM8924A SGMICRO-SGM8924A Datasheet
293Kb / 8P
   Operational Amplifier with Shutdown
SGM8543 SGMICRO-SGM8543 Datasheet
383Kb / 12P
   Operational Amplifier with Shutdown
logo
Texas Instruments
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com